Electronic Components Datasheet Search
  English  ▼

X  

PO74G00AS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PO74G00AS
Description  54, 74 Series GHz Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G00AS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PO74G00AS Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Copyright © 2005-2007, Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G00ASU
PO74G00AS
PO74G00AS
PO74G00ASR
-40°C to 85°C
-40°C to 85°C
14pin SOIC
Tube
Pb-free & Green
14pin SOIC
Tape and reel
Pb-free & Green
PO74G00ASiU
PO74G00ASi
PO74G00ASi
PO74G00ASiR
-40°C to
-40°C to
14pin Leadless
Ceramic Chip Carrier
PO54G00ALU
PO54G00AL
20pin Ceramic
Dual Flatpack
Tube
Pb-free & Green
Tube
Pb-free & Green
PO54G00AFU
PO54G00AF
-55°C to 125° C
-55°C to 125° C
125° C
125° C
TA
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
09/12/07
Denotes dimensions in inches
Denotes dimensions in millimenters
X.XX
X.XX
X.XX
X.XX
0.080 (2,03)
0.064 (1,63)
12
13
1
3
2
18
17
16
14
13
12
15
11
9
10
4
6
7
8
5
Packaging Mechanical Drawing: 20pin Ceramic Dual Flatpack
0.055 (1,40)
0.045 (1,14)
0.358 (9,09)
0.342 (8,69)
0.358 (9,09)
0.307 (7,80)
0.028 (0,71)
0.022 (0,54)
0.050 (1,27)
0.045 (1,14)
0.045 (1,14)
0.035 (0,89)
0.035 (0,89)
0.020 (0,51)
0.010 (0,25)
0.020 (0,51)
0.010 (0,25)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com