Electronic Components Datasheet Search
  English  ▼

X  

PO74G00AS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PO74G00AS
Description  54, 74 Series GHz Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G00AS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PO74G00AS Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G00AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Copyright © 2005-2006, Potato Semiconductor Corporation
54, 74 Series GHz Logic
PO54G00A, PO74G00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
09/12/07
Test Waveforms
Test Circuit
Ω
50
Propagation Delay
Input
Output
VoH
2.0V
1.5V
0.8V
VoL
3V
0V
1.5V
tf
tPHL
tPLH
tR
Vcc
15pF
to
2pF
D.U.T.
Pulse
Generator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com