Electronic Components Datasheet Search
  English  ▼

X  

TPV710 Datasheet(PDF) 6 Page - 3PEAK INC.

Part # TPV710
Description  Watchdog Timer Circuit with EN Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPV710 Datasheet(HTML) 6 Page - 3PEAK INC.

Back Button TPV710 Datasheet HTML 2Page - 3PEAK INC. TPV710 Datasheet HTML 3Page - 3PEAK INC. TPV710 Datasheet HTML 4Page - 3PEAK INC. TPV710 Datasheet HTML 5Page - 3PEAK INC. TPV710 Datasheet HTML 6Page - 3PEAK INC. TPV710 Datasheet HTML 7Page - 3PEAK INC. TPV710 Datasheet HTML 8Page - 3PEAK INC. TPV710 Datasheet HTML 9Page - 3PEAK INC. TPV710 Datasheet HTML 10Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics
All test conditions: VCC = 1.67 V to 5.5 V, TA = −40°C to +125°C, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage and Current
VCC
VCC Operating Voltage Range
1.67
5.5
V
ICC
Supply Current
WDI and EN unconnected
(VCC = 5 V)
6
15
μA
VSTART
Watchdog Timer Startup Voltage
2.19
V
VIL
Input Threshold Voltage Low for WDI, EN
0.3×
VCC
V
VIH
Input Threshold Voltage High for WDI, EN
0.7×
VCC
V
VOL
WDO Output Voltage Low
VCC ≥ 1.67 V, ISINK = 1.2 mA
0.3
V
VOH
WDO Output Voltage High (Push-Pull Only)
VCC ≥ 1.67 V, ISOURCE = 500
μA
0.8 ×
VCC
V
tPW_EN
EN Input Pulse Width
1
μs
tGR_EN
EN Glitch Rejection
250
ns
td_EN
EN to WDO Delay
300
ns
RPD_EN
EN Pull-Down Resistance
50
kΩ
WDI Pin
tWD
Watchdog Timeout Period
TPV710NXQ
7
10
14
ms
TPV710NWQ
70
100
140
ms
TPV710NZQ
0.42
0.6
0.84
s
TPV710NYQ
1.12
1.6
2.24
s
TPV710NSQ
2.24
3.2
4.48
s
TPV710NTQ
4.48
6.4
8.96
s
TPV710NV
8.9
12.8
17.9
s
tRP
WDO Pull Low Period when Watchdog
Timeout
TPV710NXQ
4.2
6
8.4
ms
TPV710NWQ
67
96
134
ms
TPV710NZQ
53
75
105
ms
TPV710NYQ, TPV710NSQ,
TPV710NTQ, or TPV710NV
140
200
280
ms
tPW_WD
WDI Pulse Width
50
ns
tGR_WD
WDI Glitch Rejection
20
ns
TPV710
Watchdog Timer Circuit with EN Control
www.3peak.com
6 / 14
GA20230701A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com