Electronic Components Datasheet Search
  English  ▼

X  

TPV710 Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TPV710
Description  Watchdog Timer Circuit with EN Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPV710 Datasheet(HTML) 4 Page - 3PEAK INC.

  TPV710 Datasheet HTML 1Page - 3PEAK INC. TPV710 Datasheet HTML 2Page - 3PEAK INC. TPV710 Datasheet HTML 3Page - 3PEAK INC. TPV710 Datasheet HTML 4Page - 3PEAK INC. TPV710 Datasheet HTML 5Page - 3PEAK INC. TPV710 Datasheet HTML 6Page - 3PEAK INC. TPV710 Datasheet HTML 7Page - 3PEAK INC. TPV710 Datasheet HTML 8Page - 3PEAK INC. TPV710 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin Configuration and Functions
TPV710
SOT23-5 Package
Top View
GND
WDO
WDI
Part Number
VCC
1
2
3
4
5
EN
Table 1. Pin Functions
Pin
I/O
Description
NO.
Name
1
WDO
O
Watchdog Output. Pulls low for tRP if WDI remains low or high for the duration of
the watchdog timeout, and does not go high again until the watchdog is cleared.
Whenever VCC is below the reset threshold, WDO stays high.
2
GND
-
Ground.
3
EN
I
Enable pin, enable or disable watchdog. EN pin is connected to the internal pull-
down resistor. The device is enabled if the EN is left floating.
4
WDI
I
Watchdog Input. The timer is cleared if a logic transition occurs on this pin.
5
VCC
–
Power Supply Voltage Monitored.
TPV710
Watchdog Timer Circuit with EN Control
www.3peak.com
4 / 14
GA20230701A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com