Electronic Components Datasheet Search
  English  ▼

X  

TPV710 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TPV710
Description  Watchdog Timer Circuit with EN Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPV710 Datasheet(HTML) 1 Page - 3PEAK INC.

  TPV710 Datasheet HTML 1Page - 3PEAK INC. TPV710 Datasheet HTML 2Page - 3PEAK INC. TPV710 Datasheet HTML 3Page - 3PEAK INC. TPV710 Datasheet HTML 4Page - 3PEAK INC. TPV710 Datasheet HTML 5Page - 3PEAK INC. TPV710 Datasheet HTML 6Page - 3PEAK INC. TPV710 Datasheet HTML 7Page - 3PEAK INC. TPV710 Datasheet HTML 8Page - 3PEAK INC. TPV710 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
• Qualified for Automotive Applications
• AEC-Q100 Grade 1: TA= -40℃ to 125℃
• Available Watchdog Timeout Periods 10 ms, 100 ms,
0.6 s, 1.6 s, 3.2s, 6.4 s and 10 s
• Chip Enable Input
• Open Drain or Push-Pull Active Low WDO Output
• Low Power Consumption: 6 μA
• Guaranteed Output Valid to VCC = 1.67 V
• Package: SOT23-5
Applications
• Automotive Cabin
• T-Box
• BMS
• ESS
• Industry Equipment
Description
The TPV710 is a watchdog timer circuit which prevents
system failures caused by certain types of hardware errors
or software errors.
The TPV710 watchdog timer circuit has an input, WDI,
and output WDO. The input is used to clear the
internal watchdog timer periodically within the specified
timeout period tWD. While the system operates correctly, it
periodically toggles the watchdog input, WDI. If the system
fails, the watchdog timer is not reset, and the watchdog
output, WDO, is asserted.
The TPV710 has an enable input, EN, which can enable or
disable the watchdog functionality. The EN is connected to
the internal pull-down resistor. The device is enabled if the
EN pin is left floating.
The TPV710 is available in SOT23-5 package. The
operation temperature range is -40
℃ to 125℃.
Typical Application Circuit
VCC
Processor
GND
GND
TPV710
VCC
WDO
RESET
WDI
I/O
EN
VCC
TPV710
Watchdog Timer Circuit with EN Control
www.3peak.com
1 / 14
GA20230701A1


Similar Part No. - TPV710

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
Advanced Semiconductor
TPV7025 ASI-TPV7025 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
logo
3PEAK INC.
TPV706 3PEAK-TPV706 Datasheet
1Mb / 16P
Low-Voltage Supervisory Circuits with Power-Fail Detector
TPV706LL1-SR 3PEAK-TPV706LL1-SR Datasheet
1Mb / 16P
Low-Voltage Supervisory Circuits with Power-Fail Detector
TPV706ML1-SR 3PEAK-TPV706ML1-SR Datasheet
1Mb / 16P
Low-Voltage Supervisory Circuits with Power-Fail Detector
More results

Similar Description - TPV710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6814 MAXIM-MAX6814 Datasheet
631Kb / 6P
5-Pin Watchdog Timer Circuit
19-2804; Rev 1; 3/04
logo
Summit Microelectronics...
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
Dual Voltage Supervisory Circuit With Watchdog Timer
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
Voltage Supervisory Circuit With Watchdog Timer
logo
KODENSHI_AUK CORP.
KK1232 KODENSHI-KK1232 Datasheet
273Kb / 7P
POWER SUPPLY CONTROL WITH BUILT-IN WATCHDOG TIMER
logo
STMicroelectronics
STWD100 STMICROELECTRONICS-STWD100 Datasheet
225Kb / 25P
Watchdog timer circuit
26-Oct-2012
logo
IK Semicon Co., Ltd
IN1232 IKSEMICON-IN1232 Datasheet
258Kb / 7P
POWER SUPPLY CONTROL WITH BUILT-IN WATCHDOG TIMER
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
IK Semicon Co., Ltd
IN1232 IKSEMICON-IN1232_11 Datasheet
151Kb / 7P
POWER SUPPLY CONTROL WITH BUILT-IN WATCHDOG TIMER
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com