Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJST Datasheet(PDF) 8 Page - Analog Devices

Part # AD1981BLJST
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1981BLJST Datasheet HTML 4Page - Analog Devices AD1981BLJST Datasheet HTML 5Page - Analog Devices AD1981BLJST Datasheet HTML 6Page - Analog Devices AD1981BLJST Datasheet HTML 7Page - Analog Devices AD1981BLJST Datasheet HTML 8Page - Analog Devices AD1981BLJST Datasheet HTML 9Page - Analog Devices AD1981BLJST Datasheet HTML 10Page - Analog Devices AD1981BLJST Datasheet HTML 11Page - Analog Devices AD1981BLJST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. 0
AD1981BL
–8–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
I/O
Function
DIGITAL I/O
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock Input.
3
XTL_OUT
O
Crystal Output.
5SDATA_OUT
I
AC-Link Serial Data Output, AD1981BL Data Input Stream.
6
BIT_CLK
O/I
AC-Link Bit Clock Output (12.288 MHz) or Bit Clock Input if Secondary Mod e
Selected.
8SDATA_IN
O
AC-Link Serial Data Input, AD1981BL Data Output Stream.
10
SYNC
I
AC-Link Frame Sync.
11
RESET
I
AC-Link Reset, AD1981BL Master Hardware Reset.
48
SPDIF
O
S/PDIF Output.
CHIP SELECTS (These pins can also be used to select an external clock. See Table IX.)
45
ID0
I
Chip Select Input 0 (Active Low). This pin can also be used as the chain input from
a secondary codec.
46
ID1
I
Chip Select Input 1 (Active Low).
JACK SENSE AND EAPD
17
JS0
I
Jack Sense 0 Input.
16
JS1
I
Jack Sense 1 Input.
47
EAPD
O
External Amp Power-Down Control.
ANALOG I/O
13
PHONE_IN
I
Phone Input. Mono input from telephony subsystem speaker phone or handset.
14
AUX_L
I
Auxiliary Input Left Channel.
15
AUX_R
I
Auxiliary Input Right Channel.
18
CD_L
I
CD Audio Left Channel.
19
CD_GND_REF
I
CD Audio Analog Ground Reference for Differential CD Input.
20
CD_ R
I
CD Audio Right Channel.
21
MIC1
I
Microphone 1 Input (Mono) or Left Channel when 2-Channel Mode
Selected (Stereo MIC).
22
MIC2
I
Microphone 2 Input (Mono) or Right Channel when 2-Channel Mode
Selected (Stereo MIC).
23
LINE_IN_L
I
Line In Left Channel.
24
LINE_IN_R
I
Line In Right Channel.
35
LINE_OUT_L
O
Line Out (Front) Left Channel.
36
LINE_OUT_R
O
Line Out (Front) Right Channel.
37
MONO_OUT
O
Monaural Output to Telephony Subsystem Speakerphone.
39
HP_OUT_L
O
Headphone Left Channel Output.
41
HP_OUT_R
O
Headphone Right Channel Output.
FILTER/REFERENCE (These signals are connected to resistors, capacitors, or specific voltages.)
27
VREF
O
Voltage Reference Filter.
28
VREFOUT
O
Voltage Reference Output 5 mA Drive (Intended for MIC Bias and Power Amp Bias).
29
AFILT1
O
Antialiasing Filter Capacitor—ADC Right Channel.
30
AFILT2
O
Antialiasing Filter Capacitor—ADC Left Channel.
31
AFILT3
O
Antialiasing Filter Capacitor—Mixer ADC Right Channel.
32
AFILT4
O
Antialiasing Filter Capacitor—Mixer ADC Left Channel.
POWER AND GROUND SIGNALS
1DVDD1I
Digital VDD 3.3 V.
4DVSS1I
Digital GND.
7DVSS2I
Digital GND.
9DVDD2I
Digital VDD 3.3 V.
25
AVDD1I
Analog VDD 5.0 V.
26
AVSS1I
Analog GND.
38
AVDD2I
Analog VDD 5.0 V.
40
AVSS2I
Analog GND.
43
AVDD3I
Analog VDD 5.0 V.
44
AVSS3I
Analog GND.
34
AVDD4I
Analog VDD 5.0 V.
33
AVSS4I
Analog GND.
NO CONNECTS
12
NC
No Connect.
42
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com