Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJST Datasheet(PDF) 16 Page - Analog Devices

Part # AD1981BLJST
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1981BLJST Datasheet HTML 12Page - Analog Devices AD1981BLJST Datasheet HTML 13Page - Analog Devices AD1981BLJST Datasheet HTML 14Page - Analog Devices AD1981BLJST Datasheet HTML 15Page - Analog Devices AD1981BLJST Datasheet HTML 16Page - Analog Devices AD1981BLJST Datasheet HTML 17Page - Analog Devices AD1981BLJST Datasheet HTML 18Page - Analog Devices AD1981BLJST Datasheet HTML 19Page - Analog Devices AD1981BLJST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. 0
AD1981BL
–16–
LPBK
Loopback Control. ADC/DAC Digital Loopback Mode.
0 = No Loopback (Default).
1 = Loopback PCM Digital Data from ADC Output to DAC.
MS
MIC Select. Selects mono MIC input.
0 = Select MIC1.
1 = Select MIC2.
See 2CMIC bit in Register 76h to enable stereo microphone recording.
MIX
Mono Output Select. Selects mono output audio source.
0 = Mixer mono output (reset default).
1 = MIC1 channel.
General-Purpose Register (Index 20h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
20h
General-Purpose
X
X
X
X
X
X
MIX
MS
LPBK
X
X
X
X
X
X
X
0000h
This register should be read before writing to generate a mask for only the bit(s) that need to be changed. All registers not shown and bits containing an X are assumed
to be reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com