Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJST Datasheet(PDF) 14 Page - Analog Devices

Part # AD1981BLJST
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1981BLJST Datasheet HTML 10Page - Analog Devices AD1981BLJST Datasheet HTML 11Page - Analog Devices AD1981BLJST Datasheet HTML 12Page - Analog Devices AD1981BLJST Datasheet HTML 13Page - Analog Devices AD1981BLJST Datasheet HTML 14Page - Analog Devices AD1981BLJST Datasheet HTML 15Page - Analog Devices AD1981BLJST Datasheet HTML 16Page - Analog Devices AD1981BLJST Datasheet HTML 17Page - Analog Devices AD1981BLJST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REV. 0
AD1981BL
–14–
RAV[4:0]
Right AUX Volume. Allows setting the AUX right channel attenuator in 32 volume levels. The LSB represents 1.5 dB,
and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the AM bit. Otherwise, this bit will always read 0 and will have no affect when set to 1.
LAV[4:0]
Left AUX Volume. Allows setting the AUX left channel attenuator in 32 volume levels. The LSB represents 1.5 dB,
and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
AM
AUX Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 76h is set to 1, in which case this mute bit will affect only the left channel.
ROV[4:0]
Right PCM-Out Volume. Allows setting the PCM right channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the OM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LOV[4:0]
Left PCM-Out Volume. Allows setting the PCM left channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
OM
PCM-Out Volume Mute. When this bit is set to 1, both the left and right channels are muted unless the MSPLT
bit in Register 76h is set to 1, in which case this mute bit will affect only the left channel.
Table IV. Volume Settings for Line-In, CD Volume, AUX, and PCM-Out
Control Bits
Reg. 76h
Line-In (10h), CD (12h), AUX (16h), and PCM-Out (18h)
Left Channel Volume D[12:8]
Right Channel Volume D[4:0]
MSPLT
*
D15 Write
Readback
Function
D7
* Write
Readback
Function
00
0 0000
0 0000
12 dB Gain
x
0 0000
0 0000
+12 dB Gain
00
0 1000
0 1000
0 dB Gain
x
0 1000
0 1000
0 dB Gain
00
1 1111
1 1111
34.5 dB Gain
x
1 1111
1 1111
–34.5 dB Gain
01
x xxxx
x xxxx
–
dB Gain, Muted
x
x xxxx
x xxxx
–
dB Gain, Muted
10
1 1111
1 1111
–34.5 dB Gain
1
x xxxx
x xxxx
–
dB Gain,
Right Only Muted
11
x xxxx
x xxxx
–
dB Gain,
0
1 1111
1 1111
–34.5 dB Gain
Left Only Muted
11
x xxxx
x xxxx
–
dB Gain, Left Muted 1
x xxxx
x xxxx
–
dB Gain, Right Muted
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
x in the above table is a wild card and has no effect on the value.
AUX Volume Register (Index 16h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
16h
AUX Volume
AM
X
X
LAV4 LAV3
LAV2
LAV1
LAV0
RM
*
XX
RAV4
RAV3
RAV2 RAV1 RAV0 8808h
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect. All registers not shown, and bits containing an X are assumed to be reserved. Refer to Table IV for examples.
PCM-Out Volume Register (Index 18h)
Reg
No. Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
18h PCM-Out Volume OM X
X
LOV4 LOV3
LOV2
LOV1
LOV0
RM
*
XXROV4
ROV3 ROV2 ROV1 ROV0 8808h
*For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect. All registers not shown, and bits containing an X are assumed to be reserved. Refer to Table IV for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com