Electronic Components Datasheet Search
  English  ▼

X  

AD1981BLJST Datasheet(PDF) 18 Page - Analog Devices

Part # AD1981BLJST
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1981BLJST Datasheet HTML 14Page - Analog Devices AD1981BLJST Datasheet HTML 15Page - Analog Devices AD1981BLJST Datasheet HTML 16Page - Analog Devices AD1981BLJST Datasheet HTML 17Page - Analog Devices AD1981BLJST Datasheet HTML 18Page - Analog Devices AD1981BLJST Datasheet HTML 19Page - Analog Devices AD1981BLJST Datasheet HTML 20Page - Analog Devices AD1981BLJST Datasheet HTML 21Page - Analog Devices AD1981BLJST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. 0
AD1981BL
–18–
VRAS
Variable Rate PCM Audio Support (Read-Only). This bit returns a 1 when Read To indicates that the variable rate
PCM audio is supported.
SPDIF
SPDIF Support (Read-Only). This bit returns a 1 when Read To indicates that the SPDIF transmitter is supported
(IEC958).
This bit is also used to validate that the SPDIF transmitter output is actually enabled. The SPDIF bit is allowed to be
set high only if the SPDIF pin (48) is pulled down at power-up, enabling the codec transmitter logic. If the SPDIF
pin is floating or pulled high at power-up, the transmitter logic is disabled; therefore, this bit returns a low, indicat-
ing that the SPDIF transmitter is not available. This bit must always be read back to verify that the SPDIF transmitter
is actually enabled.
DSA[1,0]
DAC Slot Assignments (Read/Write) (Reset Default = 00).
00 DACs 1, 2 = 3 and 4.
01 DACs 1, 2 = 7 and 8.
10 DACs 1, 2 = 6 and 9.
11 Reserved.
AMAP
Slot DAC Mappings Based on Codec ID (Read-Only). This bit returns a 1 when read to indicate that slot/DAC
mappings based on the codec ID are supported.
REVC[1,0]
REVC[1,0] = 01 indicates codec is AC ’97 revision 2.2 compliant (Read-Only).
IDC[1:0]
Indicates Codec Configuration (Read-Only).
00 = Primary.
01, 10, 11 = Secondary.
Extended Audio ID Register (Index 28h)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
28h Ext’d Audio ID IDC1 IDC0
X
X
REVC1
REVC0
AMAP
X
X
X
DSA1
DSA0
X
SPDIF X
VRAS
X605h
The Extended Audio ID register identifies which extended audio features are supported. A nonzero Extended Audio ID value indicates that one or more of the ex-
tended audio features are supported. All registers not shown, and bits containing an X are assumed to be reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com