Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 4 Page - Analog Devices

  AD7682 Datasheet HTML 1Page - Analog Devices AD7682 Datasheet HTML 2Page - Analog Devices AD7682 Datasheet HTML 3Page - Analog Devices AD7682 Datasheet HTML 4Page - Analog Devices AD7682 Datasheet HTML 5Page - Analog Devices AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7689
Preliminary Technical Data
Rev. PrC | Page 4 of 20
VDD = 2.5 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE
Output Voltage
For 4.096 V output, @ 25°C
4.086
4.096
4.106
V
For 2.5 V output, @ 25°C
2.490
2.500
2.510
V
Temperature Drift
–40°C to +85°C
±TBD
ppm/°C
Line Regulation
VDD = 5 V ± 5%
±TBD
ppm/V
Long-Term Drift
1000 hours
50
ppm
Turn-On Settling Time
CREF = 22 μF
TBD
ms
EXTERNAL REFERENCE
Voltage Range
REF Input
0.5
VDD + 0.3
V
REFIN Input (Buffered)
0.5
4.096
V
Current Drain
250 kSPS, REF = 5V
50
μA
TEMPERATURE SENSOR
Output Voltage1
@ 25°C
283
mV
Temperature Sensitivity
1
mV/°C
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format2
Pipeline Delay3
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VIO − 0.3
V
POWER SUPPLIES
VDD
Specified performance
2.3
5.5
V
VIO
Specified performance
2.3
VDD + 0.3
V
VIO Range
1.8
VDD + 0.3
V
Standby Current4, 5
VDD and VIO = 5 V, 25°C
1
50
nA
Power Dissipation
VDD = 5V , 100 kSPS throughput
6
mW
VDD = 5V , 250 kSPS throughput
15
mW
VDD = 5V , 250 kSPS throughput
internal reference and buffer
enabled
18.5
mW
Energy per Conversion
50
nJ
TEMPERATURE RANGE6
Specified Performance
TMIN to TMAX
−40
+85
°C
1 The output voltage is internal and present on a dedicated multiplexer input.
2 Unipolar mode: serial 16-bit straight binary
Bipolar mode: serial 16-bit 2’s complement.
3 Conversion results available immediately after completed conversion.
4 With all digital inputs forced to VIO or GND as required.
5 During acquisition phase.
6 Contact an Analog Devices sales representative for the extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com