Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7682 Datasheet HTML 10Page - Analog Devices AD7682 Datasheet HTML 11Page - Analog Devices AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7689
Preliminary Technical Data
Rev. PrC | Page 14 of 20
ground sense; CFG[12:10] = 10X2.
In this configuration, the IN+ is identified by the channel
in CFG[9:7]. Example: for IN0 = IN1+ and IN1 = IN1-,
CFG[9:7] = 0002; for IN1 = IN1+ and IN0 = IN1-,
CFG[9:7] = 0012
• Figure 14D, sows the inputs configured in any of the above
combinations as the AD7689 can be configured
dynamically.
Sequencer
The AD7689 includes a channel sequencer useful for scanning
channels in a IN0 to INn fashion. Channels are scanned as
single or pairs and with or without the temperature sensor, after
the last channel is sequenced.
The sequencer starts with IN0 and finishes with INn set in
CFG[9:7]. For paired channels, the channels are paired
depending on the last channel set in CFG[9:7]. Note that the
channel pairs are always paired IN(even) = INx+ and IN(odd) =
INx- regardless of CFG[7].
To enable the sequencer, CFG[2:1] are written to for initializing
the sequencer. After CFG[13:0] is updated, DIN must be held
low while reading data out (at least for bit 13) or the CFG will
begin updating again.
While operating in a sequence, the CFG can be changed by
writing 012 to CFG[2:1]. However, if changing CFG[11] (paired
or single channel) or CFG[9:7] (last channel in sequence), the
sequence will reinitialize and convert IN0 (or IN1) after CFG is
updated.
Examples
(only bits for input and sequencer are highlighted)
Scan all IN[7:0] referenced to COM = GND sense with
temperature sensor:
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INCC
INn
BW
REF
SEQ
RB
-
1
1
0
1
1
1
-
-
-
-
1
0
-
Scan 3 paired channels without temperature sensor and
referenced to VREF/2:
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INCC
INn
BW
REF
SEQ
RB
-
0
0
X
1
0
X
-
-
-
-
1
1
-
Scan 4 paired channels referenced to a GND sense with
temperature sensor:
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CFG
INCC
INn
BW
REF
SEQ
RB
-
1
0
X
1
1
X
-
-
-
-
1
0
-
Input Structure
Figure 15 shows an equivalent circuit of the input structure of
the AD7689.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs, IN[7:0] and COM. Care must be taken to ensure
that the analog input signal does not exceed the supply rails by
more than 0.3 V because this causes the diodes to become
forward biased and to start conducting current. These diodes
can handle a forward-biased current of 130 mA maximum. For
instance, these conditions could eventually occur when the
input buffer’s supplies are different from VDD. In such a case,
for example, an input buffer with a short circuit, the current
limitation can be used to protect the part.
CIN
RIN
D1
D2
CPIN
IN+
OR IN-
OR COM
GND
VDD
Figure 15. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between INn+ and COM or INn+ and INn-.
By using these differential inputs, signals common to both
inputs are rejected.
During the acquisition phase, the impedance of the analog
inputs can be modeled as a parallel combination of the
capacitor, CPIN, and the network formed by the series
connection of RIN and CIN. CPIN is primarily the pin capacitance.
RIN is typically 3.5kΩ and is a lumped component made up of
serial resistors and the on resistance of the switches. CIN is
typically 27 pF and is mainly the ADC sampling capacitor.
Selectable Low Pass Filter
During the conversion phase, where the switches are opened,
the input impedance is limited to CPIN. While the AD7689 is
acquiring, RIN and CIN make a 1-pole, low-pass filter that reduces
undesirable aliasing effects and limits the noise from the driving
circuitry. The low pass filter can be programmed for the full
bandwidth or ¼ of the bandwidth with CFG[6] as shown in
Table 9.
DRIVER AMPLIFIER CHOICE
Although the AD7689 is easy to drive, the driver amplifier
needs to meet the following requirements:
• The noise generated by the driver amplifier needs to be kept
as low as possible to preserve the SNR and transition noise
performance of the AD7689. Note that the AD7689 has a
noise much lower than most of the other 16-bit ADCs and,
therefore, can be driven by a noisier amplifier to meet a given
system noise specification. The noise coming from the
amplifier is filtered by the AD7689 analog input circuit low-
pass filter made by RIN and CIN or by an external filter, if one
is used. Because the typical noise of the AD7689 is 35 μV rms
(with VREF = 5V), the SNR degradation due to the amplifier is
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
=
−
2
3dB
2
)
(
f
2
π
35
35
20log
N
LOSS
Ne
SNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com