Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7689
Preliminary Technical Data
Rev. PrC | Page 16 of 20
Regardless, there is no need for an additional lower value
ceramic decoupling capacitor (for example, 100 nF) between the
REF and GND pins.
For applications that use multiple AD7689s or other PulSAR
devices, it is more effective to use the internal reference buffer
to buffer the external reference voltage thus reducing SAR
conversion crosstalk.
The voltage reference temperature coefficient (TC) directly impacts
full scale; therefore, in applications where full-scale accuracy
matters, care must be taken with the TC. For instance, a
±15 ppm/°C TC of the reference changes full-scale by ±1 LSB/°C.
POWER SUPPLY
The AD7689 uses three power supply pins: two core supplies,
VDD, and a digital input/output interface supply, VIO. VIO
allows direct interface with any logic between 1.8 V and VDD.
To reduce the supplies needed, the VIO and VDD pins can be
tied together. The AD7689 is independent of power supply
sequencing between VIO and VDD. Additionally, it is very
insensitive to power supply variations over a wide frequency
range.
The AD7689 powers down automatically at the end of each
conversion phase; therefore, the operating currents and power
scale linearly with the sampling rate. This makes the part ideal
for low sampling rates (even of a few hertz) and low battery-
powered applications.
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7689, with its low operating
current, can be supplied directly using the reference circuit
shown in Figure 16. The reference line can be driven by
•
The system power supply directly
•
A reference voltage with enough current output capability,
such as the ADR43x/ADR44x
•
A reference buffer, such as the AD8031, which can also
filter the system power supply, as shown in Figure 16
AD8031
AD7689
VIO
CAP
VDD
22µF
1µF
10Ω
10kΩ
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
Figure 16. Example of an Application Circuit
DIGITAL INTERFACE
The AD7689, uses a simple 4-wire interface and is compatible
with SPI, QSPI, digital hosts, and DSPs, for example, Blackfin®
ADSP-BF53x or ADSP-219x.
The interface uses the CNV, DIN, SCK, and SDO signals and
allows CNV, which initiates the conversions, to be independent
of the read back timing. This is useful in low jitter sampling or
simultaneous sampling applications.
CFG Writing
Prior to conversion, the AD7689 needs the CFG written to
unless the factory default setting is to be used as described in
the beginning of the Configuration Register section. If DIN is
high during the 1st SCK falling edge, CFG will be updated on
the 14th falling SCK edge. After the 14th SCK, the CFG will be
disabled and not accept any new CFG data until after the end of
conversion, tCONV (max). The CFG must be updated before the
end of conversion for the setting to take effect for the next
conversion. It can also be updated while reading back data thus
minimizing the SCK activity.
Conversion Data
The conversion data can be read at any time; during acquisition,
during conversion and after conversion. While reading during
conversion, the data read is from the previous conversion (n-1)
as the current conversion (n) is active.
The AD7689 offers the flexibility to optionally force a start bit
in front of the data bits. This start bit can be used as a BUSY
signal indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a BUSY indicator, the user must
time out the maximum conversion time prior to readback. The
BUSY indicator feature is enabled when the CNV is held low
before the maximum conversion time, tCONV (max).
Note that in the following sections, the timing diagrams
indicate digital activity (SCK, CNV, DIN) during the
conversion. However, due to the possibility of performance
degradation, digital activity should only occur prior to the
minimum conversion time, tCONV (min) since the AD7689
provides error correction circuitry that can correct for an
incorrect bit during this time. The user should configure the
AD7689 and initiate the busy indicator (if desired) during this
time. It is also possible to corrupt the sample by having SCK or
DIN transitions near the sampling instant. Therefore, it is
recommended to keep the digital pins quiet for approximately
30 ns before and 10 ns after the rising edge of CNV. To this
extent, it is recommended, to use a discontinuous SCK whenever
possible to avoid any potential performance degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com