Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7682
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices AD7682 Datasheet HTML 10Page - Analog Devices AD7682 Datasheet HTML 11Page - Analog Devices AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7689
Preliminary Technical Data
Rev. PrC | Page 12 of 20
TRANSFER FUNCTIONS
With the inputs configured for unipolar range (single ended,
COM with ground sense, or paired differentially with IN- as
ground sense), the data output is straight binary.
With the inputs configured for bipolar range (COM = VREF/2, or
paired differentially with IN- = VREF/2), the data outputs are
two’s complement.
The ideal transfer characteristic for the AD7689 is shown in
Figure 12 and Table 8 for both unipolar and bipolar ranges with
the internal 4.096V reference.
100...000
100...001
100...010
011...101
011...110
011...111
2’s COMP STRAIGHT
BINARY
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
Figure 12. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Description
Unipolar Analog Input1
VREF = 4.096 V
Digital Output
Code (Straight
Binary Hex)
Bipolar Analog Input2
VREF = 4.096 V
Digital Output
Code (2’s Complement
Hex)
FSR − 1 LSB
4.095938 V
0xFFFF3
+2.047938 V
0x7FFF
Midscale + 1 LSB
2.048063 V
0x8001
62.5
μV
0x0001
Midscale
2.048 V
0x8000
0
0x00004
Midscale − 1 LSB
2.047938 V
0x7FFF
-62.5
μV
0xFFFF3
−FSR + 1 LSB
62.5
μV
0x0001
-2.047938 V
0x8001
−FSR
0 V
0x00004
-2.048 V
0x8000
1 With COM or IN- = 0 V or all INx referenced to GND.
2 With COM or IN- = VREF /2.
3 This is also the code for an overranged analog input ((IN+) − (IN-) , or COM, above VREF − VGND).
4 This is also the code for an underranged analog input ((IN+) − (IN-), or COM, below VGND).
TYPICAL CONNECTION DIAGRAM
Figure 13 shows an example of the recommended connection
diagram for the AD7689 when multiple supplies are available.
AD7689
REF
GND
VDD
VIO
DIN
SCK
SDO
CNV
3-WIRE INTERFACE 4
100nF
100nF
5V
22µF2
V+
V–
1.8V TO VDD
0TO VREF
V+
V–
ADA4841-x3
ADA4841-x3
1INTERNAL REFERNCE SHOWN. SEE REFERENCE SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 22µF CERAMIC CAPACITOR (X5R).
3SEE DRIVER AMPLIFIER SECTION FOR ADDITIONAL RECOMMENDED AMPLIFIERS.
4SEE THE DIGITAL INTERFACE SECTION FOR CONFIGURING AND READING CONVERSION DATA.
IN0
INn
COM
REFIN
100nF
0TO VREF
0 V or
V
/2
REF
Figure 13. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com