Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G952 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 2.6
Mar 19, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G952
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature . . . . . . . . . . . 150°C
Storage Temperature
Range . . . . . . . . . . . . . . . . . . . . .65°C
≤ TJ ≤+150°C
Reflow Temperature (soldering, 10sec) . . . . . 260°C
Thermal Resistance Junction to Ambient, (θJA)
SOT-89 . . . . . . . . . . . . . . . . . . . . . . . . . . . .173°C/W
SOT-223 . . . . . . . . . . . . . . . . . . . . . . . . . . .148°C/W
TO-252 . . . . . . . . . . . . . . . . . . . . . . . . . . . .124°C/W
Thermal Resistance Junction to Case, (θJc)
SOT-89. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25°C/W
SOT-223. . . . . . . . . . . . . . . . . . . . . . . . . . . 22°C/W
TO-252. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7°C/W
Note (1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . .2.7V~6.5V
Temperature Range. . . . . . . . . . . . . . -40°C
≤ TA ≤85°C
Electrical Characteristics
VIN =3.3V, IO = 1A, CIN = 1µF, COUT =10µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
10mA < IO < 1A
1.764
1.800
1.845
V
Output Voltage
10mA < IO < 550mA (SOT-89)
1.764
1.800
1.845
V
Line Regulation
3V < VIN < 6.5V, IO = 10mA
---
3
30
mV
10mA < IO < 1A
---
30
50
mV
Load Regulation
10mA < IO < 550mA (SOT-89)
---
30
50
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
---
80
---
m
Ω
Quiescent Current
VIN = 3.3V
300
480
1500
µA
Ripple Rejection
fi = 120Hz,Vripple =1VP-P, Io = 100mA
---
53
---
dB
IO = 0A
---
880
---
IO = 100mA
---
895
---
IO = 500mA for (SOT-89,SOT-223,TO-252)
---
950
---
Dropout Voltage
IO = 1A only for (SOT-223,TO-252)
---
1160
---
mV
VIN = 3V(SOT-223)
Minimum footprint
(0.0625 square inch)
---
660
---
mA
VIN = 3.3V(SOT-223)
Mounted on 0.53
square inch pcb area
---
1
---
A
Output Current
Continuous Test,
TA = 25°C, TJ 150°C,
VOUT within ±2%
VIN = 3.3V(SOT-89)
Mounted on 0.16
square inch pcb area
---
0.5
---
A
Short Circuit Current
---
1.6
---
A
Over Temperature
---
150
---
°C
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are
conditions under which the device functions but the specifications might not be guaranteed. For guaranteed specifications
and test conditions see the Electrical Characteristics.
Note2:
The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resistance, θJA,
and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is Tjmax-TA / θJA. If
this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into thermal shutdown. For the
G952 in SOT-89 package.
θJA is 173°C/W For the G952 in SOT-223 package, θJA is 148°C/W, in TO-252 package, θJA
is 124°C/W. (See recommend minimum footprint). The safe operation in SOT- 89, SOT-223, TO-252 package, it can
see “Typical Performance Characteristics” (Safe Operating Area).
Note3:
Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4:
The type of output capacitor should be tantalum or aluminum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com