Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Ver: 2.6
Mar 19, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G952
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
50
60
70
80
90
100
110
120
2.53
3.54
4.55
5.56
V
IN (V)
T
A=85°C
1.764
1.774
1.784
1.794
1.804
1.814
1.824
1.834
0
100
200
300
400
500
600
Output Cirrent (mA)
T
A=25°C
V
IN=6V
1.744
1.769
1.794
1.819
1.844
-25 -15 -5
5
1525354555 657585
Temperature (°C)
I
L=10mA
0
200
400
600
800
1000
1200
1400
100
200
300
400
500
600
I
L (mA)
1.700
1.720
1.740
1.760
1.780
1.800
1.820
1.840
1.860
1.880
1.900
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
0
200
400
600
800
1000
1200
1400
1600
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
Quiescent Current vs. VIN (SOT-89)
T
A=25°C
T
A=-25°C
Output Voltage vs. IL (SOT-89)
V
IN=5V
V
IN=4V
Output Voltage vs. TA (SOT-89)
V
IN=5V
V
IN=4V
Dropout Voltage vs. IL (SOT-89)
T
A=25°C
T
A=85°C
T
A=-25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com