Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ver: 2.6
Mar 19, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G952
Global Mixed-mode Technology Inc.
TO-252 (T4) Package
MILLIMETERS
INCHES
SYMBOL
MIN
MAX
MIN
MAX
A
2.190
2.400
0.086
0.094
A1
0.000
0.127
0.000
0.005
B
0.880
1.650
0.035
0.065
b
0.500
0.880
0.020
0.035
b1
0.700
0.900
0.028
0.035
C
0.430
0.580
0.017
0.023
C1
0.430
0.580
0.017
0.023
D
6.350
6.730
0.250
0.265
D1
5.200
5.460
0.205
0.215
E
5.400
6.220
0.213
0.245
e
2.300 TYP
0.091 TYP
e1
4.500
4.700
0.177
0.185
L
8.830
10.77
0.348
0.424
L1
2.550
2.900
0.100
0.114
L2
1.400
1.780
0.055
0.070
L3
0.350
1.020
0.014
0.040
V
3.800
4.320
0.150
0.170
D
D1
B
b1
b
e
e1
L3
L
V
C
L1
E
A
C1
A1
L2
D
D1
B
b1
b
e
e1
L3
L
V
C
L1
E
A
C1
A1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com