Electronic Components Datasheet Search
  English  ▼

X  

G952 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G952
Description  1.8V 1A Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G952 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G952 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ver: 2.6
Mar 19, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G952
Global Mixed-mode Technology Inc.
1.8V 1A Regulator
Features
Output current in excess of 1A
Output voltage accuracy +2.5%/-2%
Quiescent current, typically 480µA
Internal short circuit current limit
Internal over temperature protection
Applications
PC motherboard
ADSL/Cable Modem
Set-Top-Box
LAN switch/Hub
Broad band access
General Description
The G952 positive 1.8V voltage regulator features
the ability to source 1A of output current. The typical
quiescent current is 0.48mA.
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
1
2
3
G952T23U
G952T23Uf
-40°C~85°C
SOT-89
GND
VOUT
VIN
G952T24U
G952T24Uf
-40°C~85°C
SOT-89
GND
VIN
VOUT
G952T25U
G952T25Uf
-40°C~85°C
SOT-89
VIN
GND
VOUT
G952T43U
G952T43Uf
-40°C~85°C
TO-252
GND
VOUT
VIN
G952T63U
G952T63Uf
-40°C~85°C
SOT-223
GND
VOUT
VIN
G952T65U
G952T65Uf
-40°C~85°C
SOT-223
VIN
GND
VOUT
* For other package types and pin options, please contact us at sales@gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T2: SOT-89
1
2
3
U : Tape & Reel
T4: TO-252
1: VOUT
GND
VIN
T6: SOT-223
2: VOUT
VIN
GND
3: GND
VOUT
VIN
4: GND
VIN
VOUT
5: VIN
GND
VOUT
6: VIN
VOUT
GND
Package Type
Typical Application
[Note 4]: Type of COUT
Top View
1
2
3
SOT-89 、SOT- 223
Top View
1
2
3
TO-252
V
IN
G952
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
Top View
1
2
3
SOT-89 、SOT- 223
Top View
1
2
3
TO-252
V
IN
G952
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G952

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
1.8V 1A Regulator
G952T63U GMT-G952T63U Datasheet
142Kb / 8P
1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
1.8V 1A Regulator
More results

Similar Description - G952

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
1.8V 1A Regulator
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G957 GMT-G957 Datasheet
307Kb / 8P
1.5V 1A Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
1.8V 1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Global Mixed-mode Techn...
G952 GMT-G952_15 Datasheet
68Kb / 1P
1.8V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com