Electronic Components Datasheet Search
  English  ▼

X  

59C11 Datasheet(PDF) 3 Page - Microchip Technology

Part # 59C11
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

59C11 Datasheet(HTML) 3 Page - Microchip Technology

  59C11 Datasheet HTML 1Page - Microchip Technology 59C11 Datasheet HTML 2Page - Microchip Technology 59C11 Datasheet HTML 3Page - Microchip Technology 59C11 Datasheet HTML 4Page - Microchip Technology 59C11 Datasheet HTML 5Page - Microchip Technology 59C11 Datasheet HTML 6Page - Microchip Technology 59C11 Datasheet HTML 7Page - Microchip Technology 59C11 Datasheet HTML 8Page - Microchip Technology 59C11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS20040J-page 3
59C11
TABLE 1-3:
AC CHARACTERISTICS
TABLE 1-4:
INSTRUCTION SET
Parameter
Symbol
Min
Max
Units
Conditions
Clock frequency
FCLK
1
MHz
Clock high time
TCKH
500
—
ns
Clock low time
TCKL
500
—
ns
Chip select setup time
TCSS
50
—
ns
Chip select hold time
TCSH
0—
ns
Chip select low time
TCS
100
—
ns
Data input setup time
TDIS
100
—
ns
Data input hold time
TDIH
100
—
ns
Data output delay time
TPD
—
400
ns
CL = 100 pF
Data output disable time (from CS = low)
TCZ
0
100
ns
CL = 100 pF
Data output disable time (from last clock)
TDDZ
0
400
ns
CL = 100 pF
RDY/BSY delay time
TRBD
—
400
ns
Program cycle time (Auto Erase and Write)
Twc
—
1
15
ms
ms
for 8-bit mode
for ERAL and WRAL
in 8/16-bit modes
Endurance
—
1M
—
cycles
25
°C, Vcc = 5.0V, Block Mode
(Note 1)
Note 1: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
6 X 16 MODE, ORG = 1
Instruction
Start Bit
Opcode
Address
Data In
Data Out
Number of
Req. CLK CYcles
READ
1
1 0 X X
A5 A4 A3 A2 A1 A0
—
D15-D0
27
WRITE
1
X 1 X X
A5 A4 A3 A2 A1 A0
D15-D0
High-Z
27
EWEN
1
0 0 1 1
X
X
X
X
X
X
—
High-Z
11
EWDS
1
0 0 0 0
X
X
X
X
X
X
—
High-Z
11
ERAL
1
0 0 1 0
X
X
X
X
X
X
—
High-Z
11
WRAL
1
0 0 0 1
X
X
X
X
X
X
D15-D0
High-Z
27
128 X 8 MODE, ORG = 0
Instruction
Start Bit
Opcode
Address
Data In
Data Out
Number of
Req. CLK CYcles
READ
1
1 0 X X
A6 A5 A4 A3 A2 A1 A0
—
D7-D0
20
WRITE
1
X 1 X X
A6 A5 A4 A3 A2 A1 A0
D7-D0
High-Z
20
EWEN
1
0 0 1 1
X
X
X
X
X
X
X
—
High-Z
12
EWDS
1
0 0 0 0
X
X
X
X
X
X
X
—
High-Z
12
ERAL
1
0 0 1 0
X
X
X
X
X
X
X
—
High-Z
12
WRAL
1
0 0 0 1
X
X
X
X
X
X
X
D7-D0
High-Z
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com