Electronic Components Datasheet Search
  English  ▼

X  

59C11 Datasheet(PDF) 2 Page - Microchip Technology

Part # 59C11
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

59C11 Datasheet(HTML) 2 Page - Microchip Technology

  59C11 Datasheet HTML 1Page - Microchip Technology 59C11 Datasheet HTML 2Page - Microchip Technology 59C11 Datasheet HTML 3Page - Microchip Technology 59C11 Datasheet HTML 4Page - Microchip Technology 59C11 Datasheet HTML 5Page - Microchip Technology 59C11 Datasheet HTML 6Page - Microchip Technology 59C11 Datasheet HTML 7Page - Microchip Technology 59C11 Datasheet HTML 8Page - Microchip Technology 59C11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
59C11
DS20040J-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature
.................................. -65˚C to +150˚C
Ambient temperature with power applied...... -65˚C to +125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
CS
Chip Select
CLK
Serial Clock
DI
Data In
DO
Data Out
VSS
Ground
ORG
Memory Array Organization
RDY/BSY
Ready/Busy Status
VCC
+5V Power SUpply
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
VCC = +5.0V (
±10%)
Commercial (C):
Tamb
= 0
°C to 70°C
Industrial (I):
Tamb
= -40
°C to +85°C
Automotive (E):
Tamb
= -40
°C to 125°C
Parameter
Symbol
Min
Max
Units
Conditions
VCC detector threshold
VTH
2.8
4.5
V
High level input voltage
VIH
2.0
Vcc+1
V
Low level input voltage
VIL
-0.3
0.8
V
High level output voltage
VOH
2.4
V
IOH = -400
µA
Low level output voltage
VOL
0.4
V
IOL = 3.2 mA
Input leakage current
ILI
—10
µAVIN = 0V to VCC (Note 1)
Output leakage current
ILO
—10
µAVOUT = 0V to VCC (Note 1)
Pin capacitance
(all inputs/outputs)
CIN,
COUT
7
pF
VIN/VOUT = 0V (Note 2)
Tamb = 25
°C, f = 1 MHz
Operating current (all modes)
ICC write
4
mA
FCLK = 1 MHz, VCC = 5.5V
Standby current
ICCS
100
µA
CS = 0V, VCC = 5.5V
Note 1: Internal resister pull-up at Pin 6. Active output at Pin 7.
2: This parameter is periodically sampled and not 100% tested.
TPD
TDIH
TCSS
TPD
TCZ
VALID
HIGH
Z
VALID
TCSL
TDIH
TCSH
VALID
TDIS
VALID
TCKH
TCKL
TDIS
VIH
VIL
VIH
VIL
VIH
VIL
VIH/ VOH
VIL/VOL
CLK
CS
DI
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com