Electronic Components Datasheet Search
  English  ▼

X  

59C11 Datasheet(PDF) 1 Page - Microchip Technology

Part # 59C11
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

59C11 Datasheet(HTML) 1 Page - Microchip Technology

  59C11 Datasheet HTML 1Page - Microchip Technology 59C11 Datasheet HTML 2Page - Microchip Technology 59C11 Datasheet HTML 3Page - Microchip Technology 59C11 Datasheet HTML 4Page - Microchip Technology 59C11 Datasheet HTML 5Page - Microchip Technology 59C11 Datasheet HTML 6Page - Microchip Technology 59C11 Datasheet HTML 7Page - Microchip Technology 59C11 Datasheet HTML 8Page - Microchip Technology 59C11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS20040J-page 1
FEATURES
• Low power CMOS technology
• Pin selectable memory organization
- 128 x 8 or 64 x 16 bit organization
• Single 5V only operation
• Self timed WRITE, ERAL and WRAL cycles
• Automatic erase before WRITE
• RDY/BSY status information during WRITE
• Power on/off data protection circuitry
• 1,000,000 ERASE/WRITE cycles guaranteed
• Data Retention > 200 Years
• 8-pin DIP or SOIC package
• Temperature ranges supported
DESCRIPTION
The Microchip Technology Inc. 59C11 is a 1K bit Elec-
trically Erasable PROM. The device is configured as
128 x 8 or 64 x 16, selectable externally by means of
the control pin ORG. Advanced CMOS technology
makes this device ideal for low power nonvolatile mem-
ory applications. The 59C11 is available in the standard
8-pin DIP and a surface mount SOIC package.
- Commercial (C):
0˚C to
+70˚C
- Industrial (I):
-40˚C to
+85˚C
- Automotive (E):
-40˚C to +125˚C
PACKAGE TYPES
BLOCK DIAGRAM
1
2
3
4
8
7
6
5
CS
CLK
DI
DO
SS
V
RDY/BSY
ORG
V
CC
1
2
3
4
8
7
6
5
SS
V
RDY/BSY
ORG
V
CC
CS
CLK
DI
DO
DIP
SOIC
MEMORY
ARRAY
128 x 8 or
64 x 16
VCC
VSS
DATA REGISTER
DO
MODE
DECODE
LOGIC
CLOCK
GENERATOR
OUTPUT
BUFFER
DI
CS
CLK
RDY/BSY
ORG
ADDRESS
DECODER
59C11
1K 5.0V Microwire® Serial EEPROM
Microwire is a registered trademark of National Semiconductor Incorporated.
This document was created with FrameMaker404


Similar Part No. - 59C11

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59CK010-150 ROSENBERGER-59CK010-150 Datasheet
780Kb / 3P
Calibration Kit
More results

Similar Description - 59C11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
1K 2.5V Microwire Serial EEPROM
2000 - 2001
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
1K 5.0V I2C??Serial EEPROM
1997-2012
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com