Electronic Components Datasheet Search
  English  ▼

X  

59C11 Datasheet(PDF) 4 Page - Microchip Technology

Part # 59C11
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

59C11 Datasheet(HTML) 4 Page - Microchip Technology

  59C11 Datasheet HTML 1Page - Microchip Technology 59C11 Datasheet HTML 2Page - Microchip Technology 59C11 Datasheet HTML 3Page - Microchip Technology 59C11 Datasheet HTML 4Page - Microchip Technology 59C11 Datasheet HTML 5Page - Microchip Technology 59C11 Datasheet HTML 6Page - Microchip Technology 59C11 Datasheet HTML 7Page - Microchip Technology 59C11 Datasheet HTML 8Page - Microchip Technology 59C11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
59C11
DS20040J-page 4
© 1996 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
2.1
START Condition
The START bit is detected by the device if CS and DI
are both High with respect to the positive edge of CLK
for the first time.
Before a START condition is detected, CS, CLK, and DI
may change in any combination (except to that of a
START condition) without resulting in any device oper-
ation (READ, WRITE, EWEN, EWDS, ERAL, and
WRAL). As soon as CS is HIGH, the device is no longer
in the standby mode.
An instruction following a START condition will only be
executed if the required amount of opcode, address
and data bits for any particular instruction is clocked in.
After execution of an instruction (i.e. clock in or out of
the last required address or data bit) CLK and DI
become don't care bits until a new start condition is
detected.
2.2
DI/DO Pins
It is possible to connect the Data In and Data Out pins
together. However, with this configuration it is possible
for a “bus conflict” to occur during the “dummy zero” that
precedes the READ operation, if A0 is a logic high level.
Under such a condition the voltage level seen at Data
Out is undefined and will depend upon the relative
impedances of Data Out and the signal source driving
A0. The higher the current sourcing capability of A0, the
higher the voltage at the Data Out pin.
2.3
Data Protection
During power-up, all modes of operation are inhibited
until VCC has reached a level of 2.8 V. During power-
down, the source data protection circuitry acts to inhibit
all modes when VCC has fallen below 2.8 V.
The EWEN and EWDS commands give additional pro-
tection against accidentally programming during nor-
mal operation.
After power-up, the device is automatically in the
EWDS mode. Therefore, EWEN instruction must be
performed before any WRITE, ERAL or WRAL instruc-
tion can be executed. After programming is completed,
the EWDS instruction offers added protection against
unintended data changes.
Note:
CS must go LOW between consecutive
instructions.
2.4
READ Mode
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
bit (logical 0) precedes the 8- or 16-bit output string.
The output data changes during the high state of the
system clock (CLK). The dummy bit is output TPD after
the positive edge of CLK, which was used to clock in the
last address bit (A0). Therefore, care must be taken if
DI and DO are connected together as a bus contention
will occur for one clock cycle if A0 is a one.
DO will go into HIGH-Z mode with the positive edge of
the next CLK cycle. This follows the output of the last
data bit D0 or the negative edge of CS, whichever
occurs first. D0 remains stable between CLK cycles for
an unlimited time as long as CS stays HIGH.
The most significant data bit (D15 or D7) is always out-
put first, followed by the lower significant bits (D14 - D0
or D6 - D0).
2.5
WRITE
The WRITE instruction is followed by 8 or 16 bits of data
which are written into the specified address. The most
significant data bit (D15 or D7) has to be clocked in first
followed by the lower significant data bits (D14 – D0 or
D6 – D0). If a WRITE instruction is recognized by the
device and all data bits have been clocked in, the
device performs an automatic erase cycle on the spec-
ified address before the data are written. The WRITE
cycle is completely self timed and commences auto-
matically after the rising edge of the CLK signal for the
last data bit (D0).
The WRITE cycle takes 1 ms maximum for 8-bit mode
and 2 ms maximum for 16-bit mode.
2.6
Erase/Write Enable and Disable
(EWEN, EWDS)
The device is automatically in the ERASE/WRITE Dis-
able mode (EWDS) after power-up. Therefore, EWEN
instruction has to be performed before any WRITE,
ERAL, or WRAL instruction is executed by the device.
For added data protection, the device should be put in
the ERASE/WRITE Disable mode (EWDS) after pro-
gramming operations are completed.
2.7
ERASE All (ERAL)
The entire chip will be erased to logical “1s” if this
instruction is received by the device and it is in the
EWEN mode. The ERAL cycle is completely self-timed
and commences after the rising edge of the CLK signal
for the last dummy address bit. ERAL takes 15 ms max-
imum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com