Electronic Components Datasheet Search
  English  ▼

X  

AD6475 Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD6475
Description  37V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD6475 Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD6475 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD6475 Series
2 / 6
www.advsemi.com
Ver.0.10
ADV
ABSOLUTE MAXIMUM RATINGS(1)
(Unless otherwise specified, TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage(2)
VIN
-0.3~41
V
Output Voltage(2)
VOUT
-0.3~13
V
Power Dissipation
SOT-23
PD
0.4
W
SOT-89
0.6
W
Operating Junction Temperature Range(3)
Tj
150
°C
Storage Temperature
Tstg
-65~150
°C
Lead Temperature(Soldering, 10 sec)
Tsolder
260
°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods my affect device reliability.
(2) All voltages are with respect to network ground terminal.
(3) This IC includes over temperature protection that is intended to protect the device during momentary
overload. Junction temperature will exceed 125°C when over temperature protection is active. Continuous
operation above the specified maximum operating junction temperature may impair device reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN.
NOM.
MAX.
UNITS
Supply voltage at VIN
2.5
37
V
Operating junction temperature range, Tj
-40
125
°C
Operating free air temperature range, TA
-40
85
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com