Electronic Components Datasheet Search
  English  ▼

X  

AD6475 Datasheet(PDF) 6 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD6475
Description  37V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD6475 Datasheet(HTML) 6 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD6475 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AD6475 Series
6 / 6
www.advsemi.com
Ver.0.10
ADV
D
b
e
e1
c
0.2
D1
D
e
e1
b
b1
c
A
PACKAGE MECHANICAL DATA
SOT-23 Package Dimension
SOT-89-3
Package Dimension
Sym
bol
Dimensions In
Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.197
b1
0.400
0.580
0.016
0.023
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
1.550 REF
0.061 REF
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
1.500 TYP
0.060TYP
e1
3.000 TYP
0.118TYP
L
0.900
1.200
0.035
0.047
Sy
mb
ol
Dimensions In
Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
1.100
1.300
0.043
0.051
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.350
0.550
0.014
0.022
c
0.110
0.170
0.004
0.007
D
2.800
3.000
0.110
0.118
E
1.600
1.640
0.063
0.065
E1
2.650
2.950
0.105
0.116
e
0.950 TYP.
0.037 TYP.
e1
1.800
2.000
0.071
0.079
L
0.450 REF.
0.017 REF.
θ
0°
9°
0°
9°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com