Electronic Components Datasheet Search
  English  ▼

X  

AD6475 Datasheet(PDF) 3 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD6475
Description  37V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD6475 Datasheet(HTML) 3 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD6475 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD6475 Series
3 / 6
www.advsemi.com
Ver.0.10
ADV
ELECTRICAL CHARACTERISTICS
(VIN=VOUT+2V, CIN=COUT
=1μF,T
A=25C, u n l es s o th erw is e specified)
(4) Typical numbers are at 25°C and represent the most likely norm.
(5)Vdif:The Difference Of Output Voltage And Input Voltage When Input Voltage Is Decreased Gradually
Till Output Voltage Equals To 98% Of VOUT (E).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com