Electronic Components Datasheet Search
  English  ▼

X  

AD6475 Datasheet(PDF) 4 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AD6475
Description  37V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AD6475 Datasheet(HTML) 4 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AD6475 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AD6475 Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD6475 Series
4 / 6
www.advsemi.com
Ver.0.10
ADV
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
Selection of Input/ Output Capacitors
In general, all the capacitors need to be low leakage. Any leakage the capacitors have will reduce efficiency,
increase the quiescent current.
A recent trend in the design of portable devices has been to use ceramic capacitors to filter DC-DC converter
inputs. Ceramic capacitors are often chosen because of their small size,low equivalent series resistance (ESR)
and high RMS current capability. Also, recently,designers have been looking to ceramic capacitors due to
shortages of tantalum capacitors.
Unfortunately, using ceramic capacitors for input filtering can cause problems. Applying a voltage step to a
ceramic capacitor causes a large current surge that stores energy in the inductances of the power leads. A
large voltage spike is created when the stored energy is transferred from these inductances into the ceramic
capacitor. These voltage spikes can easily be twice the amplitude of the input voltage step. (See “Ceramic
Input Capacitors Can Cause Overvoltage Transients”——Linear Technology application note 88, March 2001)
Many types of capacitors can be used for input bypassing, however, caution must be exercised when using
multilayer ceramic capacitors (MLCC). Because of the self-resonant and high Q characteristics of some types
of ceramic capacitors, high voltage transients can be generated under some start-up conditions, such as
connecting the LDO input to a live power source. Adding a 3Ω resistor in series with an X5R ceramic capacitor
will minimize start-up voltage transients.
The LDO also requires an output capacitor for loop stability. Connect a 1uF tantalum capacitor from OUT to
GND close to the pins. For improved transient response, this output capacitor may be ceramic.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com