Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4646
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 30Page - Analog Devices LTM4646 Datasheet HTML 31Page - Analog Devices LTM4646 Datasheet HTML 32Page - Analog Devices LTM4646 Datasheet HTML 33Page - Analog Devices LTM4646 Datasheet HTML 34Page - Analog Devices LTM4646 Datasheet HTML 35Page - Analog Devices LTM4646 Datasheet HTML 36Page - Analog Devices LTM4646 Datasheet HTML 37Page - Analog Devices LTM4646 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
34 of 38
Related Parts
Table 13.Related Parts
PART NUMBER DESCRIPTION
COMMENT
LTM4657
8A µModule regulator, pin compatible with
LTM4626, LTM4638 and LTM4640
3.1V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V,
6.25mm × 6.25mm × 3.87mm BGA
LTM4626
12A µModule regulator, pin compatible with
LTM4657, LTM4638 and LTM4640
3.1V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V,
6.25mm × 6.25mm × 3.87mm BGA
LTM4638
15A µModule regulator, pin compatible with
LTM4657, LTM4626 and LTM4640
3.1V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V,
6.25mm × 6.25mm × 5.02mm BGA
LTM4702
10A Silent Switcher 3 µModule regulator,
pin compatible with LTM4703 and LTM4707
3V ≤ VIN ≤ 16V, 0.3V ≤ VOUT ≤ 6V,
6.25mm × 6.25mm × 5.07mm BGA
LTM4703
12A Silent Switcher 3 µModule regulator,
pin compatible with LTM4702 and LTM4707
3V ≤ VIN ≤ 16V, 0.3V ≤ VOUT ≤ 6V,
6.25mm × 6.25mm × 5.07mm BGA
LTM4707
15A Silent Switcher 3 µModule regulator,
pin compatible with LTM4702 and LTM4703
3V ≤ VIN ≤ 16V, 0.3V ≤ VOUT ≤ 6V,
6.25mm × 6.25mm × 5.07mm BGA
LTM4622
Dual 2.5A or single 5A µModule regulator
3.6V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V,
6.25mm × 6.25mm × 1.82mm (LGA) or 2.42mm (BGA)
LTM4705
Dual 5A or single 10A µModule regulator
3.1V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V,
6.25mm × 7.5mm × 3.22mm BGA
LTM4646
Dual 10A or single 20A µModule regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V,
11.25mm × 15mm × 5.01mm BGA
LTM4630/
LTM4630A
Dual 18A or single 36A µModule regulator,
pin compatible with LTM4650
4.5V ≤ VIN ≤ 15V (18V for LTM4630A), 0.6V ≤ VOUT ≤ 1.8V
(8V for LTM4630A), 16mm × 16mm × 4.41mm (LGA)
or 5.01mm (BGA)
LTM4650/
LTM4650A
Dual 25A or single 50A µModule regulator,
pin compatible with LTM4630
4.5V ≤ VIN ≤ 15V (16V for LTM4650A), 0.6V ≤ VOUT ≤ 1.8V
(5.5V for LTM4650A), 16mm × 16mm × 4.41mm (LGA)
or 5.01mm (BGA)
LTM4668/
LTM4668A
Configurable quad 1.2A µModule regulator 2.7V ≤ VIN ≤ 17V, 0.6V ≤ VOUT ≤ 1.8V (5.5V for
LTM4668A), 6.25mm × 6.25mm × 2.1mm BGA
LTM4643
Configurable quad 3A µModule regulator,
Pin compatible with LTM4644
4V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 3.3V,
9mm × 15mm × 1.82mm LGA, 2.42mm BGA
LTM4644
Configurable quad 4A µModule regulator,
pin compatible with LTM4643
4V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V,
9mm × 15mm × 5.01mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com