Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4646
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 18Page - Analog Devices LTM4646 Datasheet HTML 19Page - Analog Devices LTM4646 Datasheet HTML 20Page - Analog Devices LTM4646 Datasheet HTML 21Page - Analog Devices LTM4646 Datasheet HTML 22Page - Analog Devices LTM4646 Datasheet HTML 23Page - Analog Devices LTM4646 Datasheet HTML 24Page - Analog Devices LTM4646 Datasheet HTML 25Page - Analog Devices LTM4646 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
22 of 38
������������ =
1
2π × f × C
(11)
These values are a good place to start. Modifications to these components should be made to attenuate the ringing
with the least amount of power loss.
Stability Compensation
The LTM4640 has already been internally compensated for all output voltages and capacitor combinations,
including all ceramic capacitor applications when COMPb is connected to COMPa. Note that a 22pF to 100pF
feedforward capacitor (CFF) is required for connecting from VOUT to VFB pins for all ceramic output capacitor
applications to achieve high bandwidth control loop compensation with enough phase margin. Table 12 provides
most of the application requirements using optimized internal compensation.
For specific optimized requirements, disconnect COMPb from COMPa and apply a Type II compensation network
from COMPa to GND to achieve external compensation. Choose the components of the Type-II network dependent
on the desired output response for line and load variations as well as loop stability parameters—phase margin and
gain margin of the feedback loop. In general, selecting a low capacitance and a high resistance for the Type-II
network at COMPa pin leads to a fast transient response but may adversely affect the loop stability parameters.
The LTpowerCAD design tool is available to download online to perform specific control loop optimization and to
analyze the control stability and load transient performance.
Differential Remote Sense Amplifier
An accurate differential remote sense amplifier is built into the LTM4640 to sense output voltages accurately at the
remote load points. This is especially true for high current loads. It is important that the VOSNS+ and VOSNS– pins are
connected properly at the remote output sense point, and that the feedback resistor, RFB, is connected between the
VFB and VOSNS– pins (see Figure 37).
In a multiphase single output application, only one set of differential sensing amplifiers and one set of feedback
resistors is required, while connecting RUN, TRACK/SS, VOUT, VFB, and COMPa of different channels together. See
Figure 39 for an example of a paralleling application.
Input Overvoltage Protection
To protect the internal power MOSFET devices against transient voltage spikes, the LTM4640 constantly monitors
the VIN pin for an overvoltage condition. When the VIN rises above 24.5V, the regulator suspends operation by
shutting off both power MOSFETs on the corresponding channel. Once VIN drops below 21.5V, the regulator
immediately resumes normal operation. The regulator executes its soft start function when exiting an overvoltage
condition.
Output Current Limit
Under overload or short-circuit conditions, the output current is no higher than the specified output current limit.
The LTM4640 may still be switching, but the output voltage regulation is not guaranteed, which is dependent on
the load resistance under such conditions. Continuous operation under such conditions is not recommended, as
this may cause the maximum operating junction temperature to be exceeded, which may impair the device’s
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com