Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4646
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 4 Page - Analog Devices

  LTM4646 Datasheet HTML 1Page - Analog Devices LTM4646 Datasheet HTML 2Page - Analog Devices LTM4646 Datasheet HTML 3Page - Analog Devices LTM4646 Datasheet HTML 4Page - Analog Devices LTM4646 Datasheet HTML 5Page - Analog Devices LTM4646 Datasheet HTML 6Page - Analog Devices LTM4646 Datasheet HTML 7Page - Analog Devices LTM4646 Datasheet HTML 8Page - Analog Devices LTM4646 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
4 of 38
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = 25°C. VIN = 12V per the typical application shown in Figure 1, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX UNITS
Switching Regulator Section (per Channel)
Input DC voltage
VIN
–40°C ≤ TJ ≤
125°C
3.1
20
V
Output voltage
range
VOUT
–40°C ≤ TJ ≤
125°C
0.6
3.3
V
Output voltage,
total variation with
line and load
VOUT(DC)
RFB = 6.65kΩ, MODE = INTVCC,
IOUT = 0A to 15A 2
–40°C ≤ TJ ≤
125°C
1.477 1.50 1.523
V
RFB = 6.65kΩ, MODE = INTVCC,
IOUT = 0A to 20A
1.477 1.50 1.523
V
RUN pin ON
threshold
VRUN
VRUN rising
1.15
1.25
1.35
V
Input supply bias
current
IQ(VIN)
VIN = 12V, VOUT = 1.5V,
MODE = INTVCC, IOUT = 0A
100
mA
VIN = 12V, VOUT = 1.5V,
MODE = GND, IOUT = 0.1A
18
mA
Shutdown, RUN = 0, VIN = 12V
20
µA
Input supply
current
IS(VIN)
VIN = 12V, VOUT = 1.5V,
IOUT = 20A
3.25
A
Output continuous
current range
IOUT(DC)
VIN = 12V, VOUT = 1.5V
0
20
A
Line regulation
accuracy
ΔVOUT
(Line)/VOUT
VOUT = 1.5V, VIN = 3.1V to 20V,
IOUT = 0A
–40°C ≤ TJ ≤
125°C
0.01
0.1
%/V
Load regulation
accuracy
ΔVOUT
(Load)/VOUT
VOUT = 1.5V, IOUT = 0A to 15A
–40°C ≤ TJ ≤
125°C
0.1
0.5
%
VOUT = 1.5V, IOUT = 0A to 20A
0.1
0.5
%
Turn-on overshoot
ΔVOUT(START)
IOUT = 0A, COUT = 4 × 220µF
ceramic, VIN = 12V,
VOUT = 1.5V5
30
mV
Turn-on time
tSTART
No load, TRACK/SS = 0.01µF,
VIN = 12V, VOUT = 1.5V
1
ms
Peak-to-peak
output voltage
deviation for
dynamic load step
ΔVOUTLS
Load: 0% to 50% to 0% of full
load, 10A/µs slew rate,
COUT = 4 × 220µF ceramic,
VIN = 12V, VOUT = 1.5V 5
160
mV
Settling time for
dynamic load step
tSETTLE
Load: 0% to 50% to 0% of full
load, 10A/µs slew rate, COUT =
4 × 220µF ceramic, VIN = 12V,
VOUT = 1.5V 5
60
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com