Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4646
Description  20VIN, 20A Step-Down DC-to-DC μModule Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 7Page - Analog Devices LTM4646 Datasheet HTML 8Page - Analog Devices LTM4646 Datasheet HTML 9Page - Analog Devices LTM4646 Datasheet HTML 10Page - Analog Devices LTM4646 Datasheet HTML 11Page - Analog Devices LTM4646 Datasheet HTML 12Page - Analog Devices LTM4646 Datasheet HTML 13Page - Analog Devices LTM4646 Datasheet HTML 14Page - Analog Devices LTM4646 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Data Sheet
LTM4640
analog.com
Rev. 0
11 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Efficiency vs. Load Current from 3.3VIN
Figure 5. Efficiency vs. Load Current from 5VIN
Figure 6. Efficiency vs. Load Current from 12VIN
Figure 7. 1VOUT Transient Response
Figure 8. 1.5VOUT Transient Response
Figure 9. 2.5VOUTTransient Response
1.0VOUT, 600kHz
1.2VOUT, 600kHz
1.5VOUT, 600kHz
1.8VOUT, 600kHz
2.5VOUT, 600kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
70
75
80
85
90
95
100
1.0VOUT, 600kHz
1.2VOUT, 700kHz
1.5VOUT, 800kHz
1.8VOUT, 800kHz
2.5VOUT, 800kHz
3.3VOUT, 800kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
70
75
80
85
90
95
100
1.0VOUT, 600kHz
1.2VOUT, 700kHz
1.5VOUT, 800kHz
1.8VOUT, 900kHz
2.5VOUT, 1000kHz
3.3VOUT, 1000kHz
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
70
75
80
85
90
95
100
100µs/DIV
LOAD STEP
CURRENT
5A/DIV
VOUT
AC-COUPLED
100mV/DIV
VIN = 12V, VOUT = 1V, fSW = 600kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, 10A ~ 15A (25%) LOAD STEP
10A/μs SLEW RATE
100µs/DIV
LOAD STEP
CURRENT
5A/DIV
VOUT
AC-COUPLED
100mV/DIV
VIN = 12V, VOUT = 1.5V, fSW = 800kHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, 10A ~ 15A (25%) LOAD STEP
10A/μs SLEW RATE
100µs/DIV
LOAD STEP
CURRENT
5A/DIV
VOUT
AC-COUPLED
100mV/DIV
VIN = 12V, VOUT = 2.5V, fSW = 1MHz
COUT = 4 × 220µF + 2 × 2.2µF + 1µF CERAMIC CAPACITOR
INTERNAL COMPENSATION, COMPa CONNECT TO
COMPb, CFF = 100pF, 10A ~ 15A (25%) LOAD STEP
10A/μs SLEW RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com