Electronic Components Datasheet Search
  English  ▼

X  

MSP58C20 Datasheet(PDF) 5 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 5 Page - Texas Instruments

  MSP58C20 Datasheet HTML 1Page - Texas Instruments MSP58C20 Datasheet HTML 2Page - Texas Instruments MSP58C20 Datasheet HTML 3Page - Texas Instruments MSP58C20 Datasheet HTML 4Page - Texas Instruments MSP58C20 Datasheet HTML 5Page - Texas Instruments MSP58C20 Datasheet HTML 6Page - Texas Instruments MSP58C20 Datasheet HTML 7Page - Texas Instruments MSP58C20 Datasheet HTML 8Page - Texas Instruments MSP58C20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature, ADCLK input frequency = 1.024 MHz, PWDA = L and PWAD = L (power-up mode)
(unless otherwise noted)
supply current characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWAD =H,
PWDA = H,
I
Supply current
,,
Digital inputs = VDD or VSS,
50
µA
IDD
Supply current
Digital output = no load
µ
PWAD = L,
PWDA = L
6.5
9
16
mA
analog input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit dynamic range, maximum differential
input voltage (between AIP and AIM)
dc or ac voltage
±2.22 ±2.36
±2.5
V
VIO
Transmit differential input offset voltage
See Note 2
– 150
150
mV
VIC
Internal common-mode voltage at AIP and AIM
0.4
×
VDD
0.5
×
VDD
0.6
×
VDD
V
zi
Input impedance
AIP
Between AIP and internal common-mode
voltage source (AIM = VDD/2)
15
25
35
k
Ω
zi
Input impedance
AIM
Between AIM and internal common-mode
voltage source (AIP = VDD/2)
15
25
35
k
Ω
Input capacitance
AIP
Measured at 5 MHz between AIP and VSS
(AIM = VDD /2)
50
pF
Input capacitance
AIM
Measured at 5 MHz between AIM and VSS
(AIP = VDD /2)
50
pF
NOTE 2: Calculated by linear regression based on five dc measurements between –1 V and 1 V
digital output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Digital high-level output voltage versus VSS
IOH = 300 µA
2.4
V
VOL
Digital low-level output voltage versus VSS
IOL = 1 mA
0.4
V
analog output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Differential output voltage, dynamic range, AOP to AOM
Balanced loads,
dc measurement
±2.82
±3 ±3.18
V
VOO Differential output offset voltage
dc measurement
– 150
150
mV
VOC
Common-mode output voltage at AOP and AOM
0.4
×
VDD
0.5
×
VDD
0.6
×
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com