Electronic Components Datasheet Search
  English  ▼

X  

MSP58C20 Datasheet(PDF) 7 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP58C20 Datasheet HTML 3Page - Texas Instruments MSP58C20 Datasheet HTML 4Page - Texas Instruments MSP58C20 Datasheet HTML 5Page - Texas Instruments MSP58C20 Datasheet HTML 6Page - Texas Instruments MSP58C20 Datasheet HTML 7Page - Texas Instruments MSP58C20 Datasheet HTML 8Page - Texas Instruments MSP58C20 Datasheet HTML 9Page - Texas Instruments MSP58C20 Datasheet HTML 10Page - Texas Instruments MSP58C20 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature, ADCLK input frequency = 1.024 MHz, PWDA = L and PWAD = L (power-up mode)
(unless otherwise noted) (continued)
DAC receive characteristics†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive gain tolerance
VDD = 5 V,
TA = 25°C,
Input = 1-kHz sine wave at – 28 dBrl
±0.5
dB
Input = 1-kHz sine wave,
Gi
f
l
l
i
Input level = – 1 dBrl to – 43 dBrl
±0.25
Receive gain versus input level
Gain reference level = gain
measured at input level of –28 dBrl,
Input level = – 43 dBrl to – 53 dBrl
±0.5
dB
measured at in ut level of –28 dBrl,
See Note 8
Input level = – 53 dBrl to – 58 dBrl
±1
Receive gain versus
supply voltage
VDD = 4.75 V to 5.25 V,
Digital input = 1-kHz sine wave at – 28 dBrl
±0.15
dB
Receive idle channel in-band
noise
Receive channel idle,
Psophometrically-weighted output noise
–75
dBrlp
TA =25°C
f = 100 Hz
–82
Receive idle channel
single frequency noise
TA = 25°C,
Receive channel idle,
f = 3 kHz
–82
dBrl
single-frequency noise
spectrum (see Note 4)
,
Measurement bandwidth = 125 Hz,
SFi
6
f = 10 kHz
–64
dBrl
s ectrum (see Note 4)
See Figure 6
f = 100 kHz
–64
Receive single-frequency
distortion
Input = one frequency in 0.7-kHz to 1.1-kHz band at – 6 dBrl,
Measured first two harmonics
–50
dB
Receive intermodulation
distortion (see Note 4)
Input = two frequencies in 0.3-kHz to 3.4-kHz band,
Input levels = – 7 dBrl and – 24 dBrl,
Measured second and third intermodulation products
–40
dBrl
Receive signal-to-total-noise-
VDD = 5.25 V, TA = 25°C,
Input=1-kHz sine wave
Input level = –70 dBrl
0
Receive signal-to-total-noise-
plus-distortion ratio
(see Note 9)
In ut = 1-kHz sine wave,
Measured psophometrically-
weighted total noise plus
Input level = –20 dBrl
50
dB
(see Note 9)
weighted total noise plus
distortion,
See Figure 7
Input level = –1 dBrl
50
f = 156 Hz to 4 kHz
– 0.6‡
0.6
f = 4.6875 kHz
– 0.7
– 0.4
f = 6.25 kHz
– 1.75
– 1.4
Receive gain variations versus
input sine wave frequency
VDD = 4.75 V, TA = 25°C,
Input level = –13 dBrl
f = 7.8125 kHz
– 3.35
– 2.9
dB
in ut sine wave frequency
(see Note 6)
In ut level = –13 dBrl,
See Figure 9
f = 9.375 kHz
– 5.25
– 4.8
dB
(see Note 6)
See Figure 9
f = 10.9375 kHz
– 7.25
– 6.8
f = 12.5 kHz
– 9.2
– 8.7
f = 15.625 kHz
– 12.8
– 12.2
Receive power supply rejection
See Note 10
30
dB
† This table contains specifications in which the power levels are expressed in dBrl; dBrl stands for dB above reference level. 0 dBrl is the DAC
overload point. Overload levels of the digital modulator (see parameter measurement information) are 32767 and – 32767 peak values. The 0-dBrl
level is related to maximum differential output voltage, which is typically 2.25 V.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for receive gain
variations versus input sine-wave frequency.
NOTES:
4. This parameter is characterized but not tested.
6. Gain is relative to gain at 1 kHz.
8. Input satisfies CCITT G.714 15.4 Method 2.
9. Input satisfies CCITT G.714 14.4 Method 2.
10. The power supply rejection measurement is made with a 50-mVrms, 0-kHz to 20-kHz signal applied to VDD and with the receive
channel idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com