Electronic Components Datasheet Search
  English  ▼

X  

MSP58C20 Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 3 Page - Texas Instruments

  MSP58C20 Datasheet HTML 1Page - Texas Instruments MSP58C20 Datasheet HTML 2Page - Texas Instruments MSP58C20 Datasheet HTML 3Page - Texas Instruments MSP58C20 Datasheet HTML 4Page - Texas Instruments MSP58C20 Datasheet HTML 5Page - Texas Instruments MSP58C20 Datasheet HTML 6Page - Texas Instruments MSP58C20 Datasheet HTML 7Page - Texas Instruments MSP58C20 Datasheet HTML 8Page - Texas Instruments MSP58C20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
A/D
I/O
DESCRIPTION
NAME
NO.
A/D
I/O
DESCRIPTION
ADCLK
14
D
I
ADCLK is a 1.024-MHz clock input.
ADOUT
8
D
O
ADOUT is the 1-bit output of the ADC modulator and is sampled at 1.024 MHz.
AIM
5
A
I
AIM is a negative differential input for the ADC. AIP and AIM together form a balanced differential input.
The biasing of this terminal is fixed through resistors by the internal common-mode voltage source. This
terminal can be ac coupled or dc coupled. If the terminal is dc coupled, external common-mode bias
should satisfy recommended operating conditions.
AIP
4
A
I
AIP is a positive differential input for the ADC. AIP and AIM together form a balanced differential input.
The biasing of this terminal is fixed through resistors by the internal common-mode voltage source. This
terminal can be ac coupled or dc coupled. If the terminal is dc coupled, external common-mode bias
should satisfy recommended operating conditions.
AOM
17
A
O
AOM is a negative differential DAC output. AOP and AOM together form a balanced differential output.
The common-mode voltage at this terminal is fixed by the internal common-mode circuitry.
AOP
18
A
O
AOP is a positive differential DAC output. AOP and AOM together form a balanced differential output.
The common-mode voltage at this terminal is fixed by the internal common-mode circuitry.
DIGL
15
D
I
DIGL is the input level bit of the DAC and is sampled at 0.512 MHz.
DIGS
16
D
I
DIGS is the input sign bit of the DAC and is sampled at 0.512 MHz.
PWAD
6
D
I
When PWAD is high, it puts the ADC part of the circuit into a power-down mode. When both PWAD and
PWDA are high, the MSP58C20 is in a stable low-power-consumption state.
PWDA
7
D
I
When PWDA is high, it puts the DAC part of the circuit in a power-down mode. When both PWAD and
PWDA are high, the MSP58C20 is in a stable low-power-consumption state.
VSUB
1
n/a
n/a
VSUBandVSSmustbeconnectedtogethertominimizesubstratecurrentsduringpowerup,powerdown,
and normal operation.
VDD
13
n/a
n/a
VDD is the 5-V power supply.
VSS
3
n/a
n/a
VSS is ground. The internal band-gap voltage and the common-mode bias voltages are referenced to
VSS.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
– 0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any digital or analog input, see Note 1)
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . .
VSUB, VSS voltage range, relative to each other
– 30 mV to 30 mV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com