Electronic Components Datasheet Search
  English  ▼

X  

MSP58C20 Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP58C20 Datasheet HTML 7Page - Texas Instruments MSP58C20 Datasheet HTML 8Page - Texas Instruments MSP58C20 Datasheet HTML 9Page - Texas Instruments MSP58C20 Datasheet HTML 10Page - Texas Instruments MSP58C20 Datasheet HTML 11Page - Texas Instruments MSP58C20 Datasheet HTML 12Page - Texas Instruments MSP58C20 Datasheet HTML 13Page - Texas Instruments MSP58C20 Datasheet HTML 14Page - Texas Instruments MSP58C20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
05
10
Output Signal Frequency – kHz
TRANSMIT IDLE CHANNEL
SINGLE-FREQUENCY NOISE SPECTRUM
15
20
–60
–65
–70
–75
–80
–85
–90
–95
– 100
(0.3, – 82)
(3.4, – 82)
(0.05, – 80)
(4, – 80)
(7, – 72)
(12, – 65)
(20, – 64)
VDD = 4.75 V to 5.25 V
TA = 25°C
020
40
60
Output Signal Frequency – kHz
RECEIVE IDLE CHANNEL†
SINGLE-FREQUENCY NOISE SPECTRUM
80
100
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
– 100
(0.01, – 82)
(3, – 82)
(10, – 64)
(100, – 64)
VDD = 4.75 V to 5.25 V
TA = 25°C
† This parameter is characterized but not tested.
Figure 5
Figure 6
SET OF
POINTS
LOCATION
A
(–70,9)
B
(–58, 23)
C
(–53, 28)
D
(–43, 38)
E
(–35, 46)
F
(–28, 53)
G
(–13, 67)
H
(–5, 69)
I
(–1, 64)
Figure 7
30
20
10
0
40
50
Digital Input Signal Magnitude – dBrl
RECEIVE SIGNAL-TO-TOTAL-NOISE-
PLUS-DISTORTION RATIO
vs
DIGITAL INPUT SIGNAL MAGNITUDE
60
–80
– 60
–40
–20
0
(–70, 0)
(–20, 50)
(–1, 50)
NOTE A: The three points on the dashed line are minimum
qualification standards, which every MSP58C20 must
pass. The curve shows empirical data from a
representative lot.
A
B
C
D
E
F
G
H
I
VDD = 5.25 V
TA = 25°C
See Note A
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com