Electronic Components Datasheet Search
  English  ▼

X  

TMS29F040 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS29F040
Description  524288 BY 8-BIT FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F040 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS29F040 Datasheet HTML 14Page - Texas Instruments TMS29F040 Datasheet HTML 15Page - Texas Instruments TMS29F040 Datasheet HTML 16Page - Texas Instruments TMS29F040 Datasheet HTML 17Page - Texas Instruments TMS29F040 Datasheet HTML 18Page - Texas Instruments TMS29F040 Datasheet HTML 19Page - Texas Instruments TMS29F040 Datasheet HTML 20Page - Texas Instruments TMS29F040 Datasheet HTML 21Page - Texas Instruments TMS29F040 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
TMS29F040
524288 BY 8-BIT
FLASH MEMORY
SMJS820C – APRIL 1996 – REVISED JUNE 1998
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
IOL
IOH
Output
Under
Test
0.5 mA
– 0.5 mA
1.50 V
(see Note A, Note B, and Note C)
CL
2.4 V
0.45 V
2 V
0.8 V
VOLTAGE WAVEFORMS FOR -90,-10, -12
Conditions: VIH = 2.4 V
VIL = 0.45 V
CL = 100 pF
Measurements taken at: 2.0 V for logic high
0.8 V for logic low
Input rise and fall = <20 ns
2 V
0.8 V
3.0 V
0.0 V
VOLTAGE WAVEFORMS FOR -60 ,-70
1.5 V
Measurements taken at: 1.5 V for logic high
1.5 V for logic low
Input rise and fall = <5 ns
Conditions: VIH = 3.0 V
VIL = 0.0 V
CL = 30 pF
1.5 V
NOTES: A. CL includes probe and fixture capacitance.
B. The ac testing inputs for - 60 and - 70 voltage waveforms are driven at 3 V for logic high and 0 V for logic low. Timing measurements
for -60 and -70 voltage waveforms are made at 1.5 V for logic high and 1.5 V for logic low on both inputs and outputs. The ac testing
inputs for -90, -10, and -12 voltage waveforms are driven at 2.4 V for logic high and 0.45 V for logic low. Timing measurements for
-90, -10, and -12 voltage waveforms are made at 2 V for logic high and 0.8 V for logic low on both inputs and outputs.
C. Each device should have a 0.1-
µF ceramic capacitor connected between VCC and VSS, as closely as possible to the device pins.
Figure 1. AC Test Output Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com