Electronic Components Datasheet Search
  English  ▼

X  

A80 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # A80
Description  Battery Connector for Industrial Vehicles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

A80 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  A80 Datasheet HTML 1Page - Anderson Power Products, Inc. A80 Datasheet HTML 2Page - Anderson Power Products, Inc. A80 Datasheet HTML 3Page - Anderson Power Products, Inc. A80 Datasheet HTML 4Page - Anderson Power Products, Inc. A80 Datasheet HTML 5Page - Anderson Power Products, Inc. A80 Datasheet HTML 6Page - Anderson Power Products, Inc. A80 Datasheet HTML 7Page - Anderson Power Products, Inc. A80 Datasheet HTML 8Page - Anderson Power Products, Inc. A80 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
- 3 -
www.andersonpower.com
All Data Subject To Change Without Notice
MECHANICAL
M
isc. Data
A80
A160
A320
Avg. Mating Force N (lb)
68 (15.3)
170 (38.2)
71 (16.0)
Contact Retention N (lb)
134 (30) min 445 (100) min
445 (100) min
Degree of Protection
IP23
IP23
IP23
Flammability
UL94 HB, Horizontal Burn
Voltage Ratings
A80
A160
A320
CSA UL
CSA UL
CSA UL
AC / DC
600V
600V 600V 600V
600V 600V
DWV (AC)
2200
2200
2200
Wire Range
A80
A160
A 20
mm² AWG mm² AWG mm² AWG
Power - Min.
10
#8
16
#6
50
1/0
Power - Max.
35
#2
50
1/0
120
4/0
Upper Aux. - Min.
1.5
#18
4
#12
4
#12
Upper Aux. - Max.
2.5
#14
4
#12
4
#12
Lower Pilot Aux. - Min. 1.5
#18
6
#10
6
#10
Lower Pilot Aux. - Max. 2.5
#14
6
#10
6
#10
Average Initial Contact Resistance Across Mated Connector- micro-ohms
A80
A160
A320
Avg. Contact Resistance - Power 65
55
30
Avg. Contact Resistance - Aux.
1100
920
1000
Operating Temperature (all Series): -25 to 75°C
SPECIFICATIONS
Current Ratings (Amperes)
A80
A160
A320
Wire Size: CSA*
UL** CSA*
UL**
CSA*
UL**
10 mm²
70
90
N/A
N/A
N/A
N/A
16 mm²
90
120
90
120
N/A
N/A
25 mm²
110
140
120
160
N/A
N/A
35 mm²
120
160
140
180
N/A
N/A
50 mm²
N/A
N/A
160
220
165
220
1/0 AWG
N/A
N/A
N/A
N/A
190
270
70 mm²
N/A
N/A
N/A
N/A
200
260
3/0 AWG
N/A
N/A
N/A
N/A
240
300
95 mm²
N/A
N/A
N/A
N/A
245
425
4/0 AWG
N/A
N/A
N/A
N/A
250
425
120 mm²
N/A
N/A
N/A
N/A
260
450
* CSA allows for maximum temperature rise = 30°C
** UL allows for total temperature (based on min. 25°C ambient) = 105°C
ELECTRICAL
MATERIALS
A80 - A160 - A320
Housings
PA6 (Nylon) glass filled
Contacts
Copper alloy silver plate
Contact Plating - Power (min.)
Silver Plating - 6 microns
Contact Plating - Auxiliary (min.)
Silver Plating - 6 microns
Hardware
Steel, zinc chromate plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com