Electronic Components Datasheet Search
  English  ▼

X  

A80 Datasheet(PDF) 15 Page - Anderson Power Products, Inc.

Part # A80
Description  Battery Connector for Industrial Vehicles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

A80 Datasheet(HTML) 15 Page - Anderson Power Products, Inc.

Back Button A80 Datasheet HTML 8Page - Anderson Power Products, Inc. A80 Datasheet HTML 9Page - Anderson Power Products, Inc. A80 Datasheet HTML 10Page - Anderson Power Products, Inc. A80 Datasheet HTML 11Page - Anderson Power Products, Inc. A80 Datasheet HTML 12Page - Anderson Power Products, Inc. A80 Datasheet HTML 13Page - Anderson Power Products, Inc. A80 Datasheet HTML 14Page - Anderson Power Products, Inc. A80 Datasheet HTML 15Page - Anderson Power Products, Inc. A80 Datasheet HTML 16Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
- 15 -
www.andersonpower.com
All Data Subject To Change Without Notice
Part Numbers
mm²
AWG
Power Contact
Pneumatic
Bench Tool
Die
Locator
(Single Crimp)
80-1010
80-1110
80-1016
80-1116
80-1025
80-1125
80-1035
80-1135
mm²
AWG
Power Contact
Pneumatic Bench
Tool
Die
Locator (Double Crimp)
160-1016
160-1116
160-1025
160-1125
160-1035
160-1135
160-1050
160-1150
320-1050
320-1150
320-1070
320-1170
320-1095
320-1195
All Crimp Pins
All Crimp Sockets
A Series 80A, 160A, & 320A Pneumatic Tooling
3/0 AWG
4/0 AWG
Wire Size
Pilot/Auxiliary Contacts
95 mm²
25 mm²
35 mm²
50 mm²
50 mm²
70 mm²
10 mm²
16 mm²
25 mm²
35 mm²
16 mm²
Loose Piece Contact Crimp Tools
#8 to #6
N/A
N/A
N/A
#6 to #4
#4 to #2
#2 to #1
1304G21 SOCKET
1304G20 PIN
#4 to #2
1303G13
#2 to #1
#1 to 1/0
1303G8
#6 to #4
1387G2
1303G14
2/0 AWG
1303G11
1303G3
1304G29 Pins
1304G18 Sockets
#1 to 1/0
1387G2
1303G8
+
+
ALL
SOLDER ONLY
320-1004
320-1104
4/0 AWG
120 mm²
+
+
1387G1 & 1387G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com