Electronic Components Datasheet Search
  English  ▼

X  

A80 Datasheet(PDF) 12 Page - Anderson Power Products, Inc.

Part # A80
Description  Battery Connector for Industrial Vehicles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

A80 Datasheet(HTML) 12 Page - Anderson Power Products, Inc.

Back Button A80 Datasheet HTML 8Page - Anderson Power Products, Inc. A80 Datasheet HTML 9Page - Anderson Power Products, Inc. A80 Datasheet HTML 10Page - Anderson Power Products, Inc. A80 Datasheet HTML 11Page - Anderson Power Products, Inc. A80 Datasheet HTML 12Page - Anderson Power Products, Inc. A80 Datasheet HTML 13Page - Anderson Power Products, Inc. A80 Datasheet HTML 14Page - Anderson Power Products, Inc. A80 Datasheet HTML 15Page - Anderson Power Products, Inc. A80 Datasheet HTML 16Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
- 12 -
www.andersonpower.com
All Data Subject To Change Without Notice
Male
Female
Male Power Contact
Female Power Contact
Upper Auxiliary Pin
Upper Auxiliary Socket
Typical of A80
Typical of A80
Upper Auxiliary Pin
Upper Auxiliary Socket
Typical of A160 / 320
Typical of A 160/ 320
Wire Size
OD
ID
Series
Metric
AWG
mm
in
mm
in
A80
10 mm²
#6 to 8
6.0
0.24
4.5
0.18
A80 / 160
16 mm²
#4 to 6
8.4
0.33
6.0
0.24
25 mm²
#2 to 4
11.0
0.43
8.0
0.31
35 mm²
#1 to 2
12.5
0.49
9.0
0.35
A160 / 320
50 mm²
#1 to 1/0
14.5
0.57
11.0
0.43
A320
70 mm²
2/0 to 3/0
17.0
0.67
13.0
0.51
95 mm²
3/0 to 4/0
19.8
0.78
15.0
0.59
Contacts
95 mm²
3/0 to 4/0
19.8
0.78
15.0
0.59
OD
ID
OD
ID
OD
ID
OD
ID
OD
ID
OD
ID
mm
IN
mm
IN
E80-32 / E80-33 Upper
1.5 / 2.5 18 / 14
3.9
0.15
2.2
0.09
E80-30 / E80-31 Lower
1.5 / 2.5 18 / 14
3.9
0.15
2.2
0.09
160-14 / 160-15
Upper
4
12
4.1
0.16
2.9
0.11
320-24 / 320-25
Upper
1.5 / 2.5 18 / 14
4.6
0.18
2.2
0.09
160-12 / 160-13
Lower
6
10
5
0.2
3.9
0.15
320-22 / 320-23
Lower
1.5 / 2.5 18 / 14
4.6
0.18
2.2
0.09
ID
A80
A160
A320
Series Part Number Position mm²
AWG
OD
Auxiliary Contacts
120 mm²
4/0
19.8
0.78
15.6
0.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com