Electronic Components Datasheet Search
  English  ▼

X  

A80 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # A80
Description  Battery Connector for Industrial Vehicles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

A80 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  A80 Datasheet HTML 1Page - Anderson Power Products, Inc. A80 Datasheet HTML 2Page - Anderson Power Products, Inc. A80 Datasheet HTML 3Page - Anderson Power Products, Inc. A80 Datasheet HTML 4Page - Anderson Power Products, Inc. A80 Datasheet HTML 5Page - Anderson Power Products, Inc. A80 Datasheet HTML 6Page - Anderson Power Products, Inc. A80 Datasheet HTML 7Page - Anderson Power Products, Inc. A80 Datasheet HTML 8Page - Anderson Power Products, Inc. A80 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
- 4 -
www.andersonpower.com
All Data Subject To Change Without Notice
TEMPERATURE CHARTS
1 0.8 Derating per IEC 60512-3
NOTE 1: Temperature ratings based on power contacts energized only.
NOTE 2: Temperature rise charts are based on a 25°C ambient temperature.
A160
Derating Curve 1
Current (A)
25
50
75
100
125
0
40
80
120
160
200
240
50 mm
16 mm²
25 mm²
35 mm²
A160
Temperature Rise
Current (A)
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80 100 120 140 160 180 200
50 mm
16 mm²
25 mm²
35 mm²
25
35
45
55
65
75
0
20
40
60
80 100 120 140 160 180
35mm
25mm
16mm
10mm
A80
Derating Curve 1
Current (A)
A80
Temperature Rise
Current (A)
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100 120 140 160 180
35mm
25mm
16mm
10mm
50
1/0-50 mm²
2/0-70mm²
4/0-95mm²
120mm²
Current (A)
A320
Derating Curve 1
25
50
75
100
125
0
50
100
150
200
250
300
350 400
1/0-50 mm²
2/0-70mm²
4/0-95mm²
120mm²
A320
Temperature Rise
Current (A)
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com