Electronic Components Datasheet Search
  English  ▼

X  

261G3 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # 261G3
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G3 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  261G3 Datasheet HTML 1Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 2Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 3Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 4Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.andersonpower.com
- 24 -
All Data Subject To Change Without Notice
Plug Shell With Latch Shown
Shell, housing and contacts
are sold separately.
Retaining Pin
Conduit Clamp
With Screws
Retaining Pin
[ 27.94 ]
1.10
[ 1.78 ]
0.07
[ 19.56 ]
0.77
E
NOTE: Retaining pins are used to secure and
position Powerpoles® in one of two positions in
receptacle shells.
Retaining Pin
Cable Clamp
With Screws
Shell, housing and contacts
are sold separately.
Plug Shell Without Latch Shown
Shell and housing are
sold separately.
Clamp
Retaining
Pins
Screws
NEW
NEW
Plug Shell with Latch & Non-Conductive Strain Relief
New 2X3 Powerpole Pak offers an improved ergonomic shell for easier latch operation as
well as a plastic, non-conductive strain relief. The new strain relief can accommodate up
to a 6 conductor #10 AWG cable. Can mate to a panel mount receptacle. For use with
Powerpole® wire connectors only. Cable Clamp and Hardware Pak or Retaining Pins
must be ordered separately. To be used with 115G23 cable clamp only.
Description
-------- Part Numbers -------
Minimum Quantity
1,000
25 ...
Black, 5-6 Poles
1460G23-BK
1460G23
Snap-in Receptacle Shell
Mate to plug shells with or without latches, or mate to another panel mount receptacle to create a bulkhead to
bulkhead connection. For use with Powerpole® wire or PCB connectors. Order the number of retaining pins for
each receptacle as shown below separately.
Number of
Dimensions
Knock Out Size
Retaining Pins
- E -
- Width -
Description
---------------- Part Numbers ---------------- to Order
inches mm
inches mm
Minimum Quantity ... 1,000
500
25
...............................................................................
Black, 2-4 Poles
1470G1-BK
-
1470G1 1
1.50
38.10 1.25
31.75
Black, 5-6 Poles
-
1470G2-BK 1470G2 2
1.88
47.75 1.62
41.15
Black, 7-8 Poles
-
1470G3-BK 1470G3 3
2.13
54.10 1.88
47.75
Black, 9-10 Poles
-
1470G4-BK 1470G4 4
2.44
61.98 2.19
55.63
* Height = [25.4 mm] 1.0 in.
Cable Clamp & Hardware Pak
Includes cable clamp, 2 screws, and required amount of retaining pins for each configuration.
Screw Head
Cable
Description
Type
Type
------------ Part Numbers ------------
Minimum Quantity ....................................
1,000
500
25 ...
2-4 Poles
Straight Slot
Bundled
115G1-BK
-
115G1
5-6 Poles
Straight Slot
Bundled
115G2-BK
-
115G2
7-8 Poles
Straight Slot
Bundled
115G3-BK
-
115G3
9-10 Poles
Straight Slot
Bundled
-
115G4-BK 115G4
2-4 Poles
Philips
Bundled
115G7-BK
-
115G7
5-6 Poles
Philips
Bundled
115G8-BK
-
115G8
Cable Clamp & Hardware Pak
Includes 2 cable clamp halfs, 2 screws and 2 retaining pins. To be used with
1460G23 Plug Shell only.
Screw Head
Cable
Description
Type
Type
------ Part Numbers ------
Minimum Quantity
….……
1,000
25
5-6 Poles
Philips
Bundled
115G23-BK
115G23
Flexible Conduit Clamp & Hardware Pak
Includes cable clamp, 2 screws, and need amount of retaining pins for each configuration.
Description
- Part Number -
Minimum Quantity ...... 100 ......
2-4 Poles
110G10
Retaining Pin for Snap-in Receptacle
Order the number of retaining pins for each receptacle shown in the Snap-in Receptacle
Shell ordering information. Pins are also required for the plug side when the Cable Clamp &
Hardware Pak is not ordered.
Description
----- Part Number ------
Minimum Quantity ..... 1,000
100 ...
Retaining Pin
110G9-BK 110G9
NOTE: Max wire O.D. for
1460G23 is 0.80 inches
[20.3 mm²].
[ 81.5 ]
3.21
[ 26.1 ]
1.03
[ 51.4 ]
2.02
[ 73.5 ]
2.90
[ 21.5 ]
0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com