Electronic Components Datasheet Search
  English  ▼

X  

261G3 Datasheet(PDF) 10 Page - Anderson Power Products, Inc.

Part # 261G3
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G3 Datasheet(HTML) 10 Page - Anderson Power Products, Inc.

Back Button 261G3 Datasheet HTML 3Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 4Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 9Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 10Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.andersonpower.com
- 29 -
All Data Subject To Change Without Notice
A
B
2 Pole
4 Pole
For environmentally sealed connector shells to hold Powerpole®
15-180 connectors, see APP®’s SPEC Pak® product series on our
website, www.andersonpower.com
PCB Mounting Staples
PCB staples are soldered into place to secure Powerpole® 15-45 series housings
in a horizontal configuration to the board. Reduce strain on soldering joints during
mating and unmating.
Dimensions
Part
- A -
- B -
Numbers
H x W
Length
inches
mm
inches
mm
Minimum Quantity 100 ................................................................................
114555P1
1 x 1
Short
0.47
12.0
0.28
7.0
114555P2
1 x 2
Short
0.47
12.0
0.57
14.5
114555P3
1 x 3
Short
0.47
12.0
0.89
22.5
114555P7
1 x 4
Short
0.47
12.0
1.20
30.5
114555P12 1 x 4
Long
0.67
17.0
1.20
30.5
114555P8
1 x 6
Short
0.47
12.0
1.83
46.5
114555P10 2 x 1
Short
0.79
20.0
0.28
7.0
114555P6
2 x 2
Short
0.79
20.0
0.57
14.5
114555P9
2 x 2
Long
0.91
23.0
0.57
14.5
114555P14 2 x 5
Long
0.91
23.0
1.52
38.5
114555P4
3 x 2
Short
1.10
28.0
0.57
14.5
Retention Clip
Retention clips prevent Powerpole® 15-45 blocks from unintended disconnects.
They feature a tab for easy insertion and removal.
Description
-- Part Number --
Minimum Quantity ........
100 .........
1 Block High
110G68
Block Lok
Block locks secure mated Powerpole® 15-45 series housings together. For use in
high vibration or shock applications where connectors are unmated infrequently.
Description
- Part Numbers -
Minimum Quantity ..........
100 .........
2 Pole, Black
110G21
4 Pole, Black
110G12
Splash Boot
Splash boots protect a 2x2 block of any combination of Powerpole® 15-45 series
housings and feature snip off sealed ends for flexibility in wire O.D. Designed for
through panel or inline applications. Not a hermetic seal.
Description
- Part Numbers -
Minimum Quantity ........
25 ...........
Female, Black
1441G1
Male, Black
1442G1
Shown without Powerpoles®
Shown with Powerpoles®
15693,
DS-PP15/45 REV C4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com