Electronic Components Datasheet Search
  English  ▼

X  

261G3 Datasheet(PDF) 8 Page - Anderson Power Products, Inc.

Part # 261G3
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G3 Datasheet(HTML) 8 Page - Anderson Power Products, Inc.

Back Button 261G3 Datasheet HTML 3Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 4Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 9Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 10Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.andersonpower.com
- 27 -
All Data Subject To Change Without Notice
| PP15-45 TEMPERATURE CHARTS |
25
50
75
100
125
0
5
10 15 20
25 30 35 40
PP25 PCB
Derating vs. Ambient Temperature
Amperes Applied
Singlepole
2-Pole
Multipole
PP45 PCB
Derating vs. Ambient Temperature
25
50
75
100
125
0
10
20
30
40
50
60
70
Amperes Applied
Singlepole
2-Pole
Multipole
PP15-45 Singlepole
Derating vs. Ambient Temperature
25
50
75
100
125
0
10
20
30
40
50
60
70
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
25
50
75
100
125
0
10
20
30
40
50
PP15-45 Multipole
Derating vs. Ambient Temperature
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
0
10
20
30
40
50
60
0
10
20
30
40
50
60
PP15-45 Singlepole
Temperature Rise at Constant Current
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
PP15-45 Multipole
Temperature Rise at Constant Current
Amperes Applied
10 AWG
12 AWG
14 AWG
16 AWG
18 AWG
20 AWG
10
20
30
40
50
60
0
0
10
20
30
40
0
10
20
30
40
50
60
0
5
10 15 20 25 30 35 40
PP25 PCB
Temperature Rise at Constant Current
Amperes Applied
Singlepole
2-Pole
Multipole
0
10
20
30
40
50
60
0
10
20
30
40
50
60
PP45 PCB
Temperature Rise at Constant Current
Amperes Applied
Singlepole
2-Pole
Multipole
NOTE: Temperature rise charts are based on a 25°C ambient temperature. PP25 PCB charts based on 0.002 in² foil on board side, mated to #12 AWG conductor on
wire side. PP45 PCB charts based on #10 AWG equivalent copper foil on board side, mated to #10 AWG conductor on wire side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com