Electronic Components Datasheet Search
  English  ▼

X  

261G3 Datasheet(PDF) 11 Page - Anderson Power Products, Inc.

Part # 261G3
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G3 Datasheet(HTML) 11 Page - Anderson Power Products, Inc.

Back Button 261G3 Datasheet HTML 3Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 4Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 9Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 10Page - Anderson Power Products, Inc. 261G3 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.andersonpower.com
- 43 -
All Data Subject To Change Without Notice
Powerpole®
- Tooling Information
#16 / 20 1.3 / 0.52
262G1
262G2
1385519-1
#16 / 20 1.3 / 0.52
269G2
N/A
1385519-1
#12 / 16 3.3 / 1.3
261G1
261G4
1385520-1
#10 / 14 5.3 / 2.1
261G2
261G3
1385458-1
#12 / 16 3.3 / 1.3
269G1
N/A
1385520-1
#10 / 14 5.3 / 2.1
269G3
N/A
1385458-1
#10 / 14 5.3 / 2.1
200G1L
200G3L
1385460-1
#10 / 14 5.3 / 2.1
201G1H
201G3H
1385460-1
#10 / 14 5.3 / 2.1
1830G1
1830G2
1385460-1
TD0101
115V= TE0101
230V = TE0102
1725900-2
or
[354500-1]
1424266-1
or
[354578-1]
TD0102
AWG
mm²
Reeled Part Numbers
Tin
Plating
Silver
Plating
APP
Applicator
ATS
Applicator
ATS
Press
Air Feed
Kit *
Wire Size
Reeled Contact Crimp Tool
PP15 / 45 Flat Wiping Power & Ground
APP Press
NOTE: Insertion / Extraction tool for PP15/45 contacts = 111038G2
AWG
mm²
Loose Piece Part Numbers
Tin
Plating
Silver
Plating
Hand
Tool
Die
Locator
Number
of Crimps
Wire Size
or
Pneumatic
Bench
Tool
Loose Piece Contact Crimp Tool
#16 / 20
#12 / 16
#16 / 20
#16 / 20
#12 / 16
#10 / 14
#12 / 16
#10 / 14
#10 / 14
#10 / 14
310 / 14
1.3 / 0.52
N/A
1332
3.3 / 1.3
N/A
1331
1.3 / 0.52 262G1-LPBK 262G2-LPBK
1.3 / 0.52 269G2-LPBK
N/A
3.3 / 1.3 261G1-LPBK 261G4-LPBK
5.3 / 2.1 261G2-LPBK 261G3-LPBK
3.3 / 1.3 269G1-LPBK
N/A
5.3 / 2.1 269G3-LPBK
N/A
5.3 / 2.1 200G1L-LPBK 200G3L-LPBK
5.3 / 2.1 201G1H-LPBK 201G3H-LPBK
5.3 / 2.1 1830G1-LPBK 1830G2-LPBK
#8
8.4
1/0
53.5
1323G2
#1
42.4
1323G1
#2
33.6
1319
#4
21.2
1319G4
#6
13.3
1319G6
3/0
85
1328G2
1303G12
2/0
53.5
1328G1
1303G13
#1
42.4
1347
#6
13.3
1348
1387G1 1388G4 1389G3
Single
1. NOTE: See website for the most current information.
2. NOTE: Insertion / Extraction fool for PP15/45 contacts = 111038G2
Double
1309G2
or
1309G8
1367G1
N/A
1309G3
or
1309G8
1309G6
or
1309G8
Single
1387G1
1388G6
N/A
Single
N/A
#6
13.3
1309G4
#10 / 12 5.3 / 3.3
N/A
N/A
1368
Series
1387G1
1387G2
1388G4
1389G4
1388G3
1304G32
1/0
53.5
1382
#2
N/A
1368
Series
Single
1388G7
33.6
1383
#4
21.1
1384
or
+
+
* All ATS applicators for APP® contacts are air feed style, (except 1385870) and require the press to have
an air feed kit installed. APP applicators are mechanical feed style and do not require an air feed kit.
PP180
PP120
PP75
PP15 / 45 Flat Wiping Power & Ground
1307
5900
1875G1
5952
1875G2
5953
5915
1875G3
1389G21
1389G6
1389G21
1389G6
1389G21
1389G6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com