Electronic Components Datasheet Search
  English  ▼

X  

XC6401EH01ML Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6401EH01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EH01ML Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6401EH01ML Datasheet HTML 9Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 10Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 11Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 12Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 13Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 14Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 15Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 16Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
XC6401
Series
(5) Output Voltage vs. Ambient Temperature
(6) Supply Current vs. Ambient Temperature
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
20
22
24
26
28
30
-50
-25
0
255075
100
Ambient Temperature Topr (OC)
XC6401(2.85V)
VIN = 3.85V
2.75
2.80
2.85
2.90
2.95
-50
-25025
50
75
100
Ambient Temperature Topr (OC)
XC6401(2.85V)
VIN = 4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT =
0mA
= 10mA
= 30mA
= 100mA
0.76
0.78
0.80
0.82
0.84
-50-25
0
25
50
75100
Ambient Temperature Topr (OC)
XC6401(0.8V)
VIN = 1.8V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT =
0mA
= 10mA
= 30mA
= 100mA
4.80
4.90
5.00
5.10
5.20
-50
-25025
50
75
100
Ambient Temperature Topr (OC)
XC6401(5.0V)
VIN = 5.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT =
0mA
= 10mA
= 30mA
= 100mA
2.90
2.95
3.00
3.05
3.10
-50-25
0
25
50
75100
Ambient Temperature Topr (OC)
XC6401(3.0V)
VIN = 4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT =
0mA
= 10mA
= 30mA
= 100mA
20
22
24
26
28
30
-50
-25
0
255075
100
Ambient Temperature Topr (OC)
XC6401(0.8V)
VIN = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com