Electronic Components Datasheet Search
  English  ▼

X  

XC6401EH01ML Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6401EH01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EH01ML Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6401EH01ML Datasheet HTML 13Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 14Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 15Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 16Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 17Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 18Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 19Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 20Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17/24
XC6401
Series
(8) Load Transient Response
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0.40
0.50
0.60
0.70
0.80
0.90
Time (40usec/div)
0
50
100
150
200
250
10m A
50m A
XC6401(0.8V)
VIN=1.8V, tr=tf=5use
CIN=CL=1uF (ceramics)
Output Current
Output Voltage
0.40
0.50
0.60
0.70
0.80
0.90
Time (40usec/div)
0
50
100
150
200
250
10m A
100m A
XC6401(0.8V)
VIN=1.8V, tr=tf=5use
CIN=CL=1uF (ceramics)
Output Voltage
Output Current
2.45
2.55
2.65
2.75
2.85
2.95
Time (40usec/div)
0
50
100
150
200
250
10m A
50m A
XC6401(2.85V)
VIN=4.0V, tr=tf=5use
CIN=CL=1uF (ceramics)
Output Current
Output Voltage
2.45
2.55
2.65
2.75
2.85
2.95
Time (40usec/div)
0
50
100
150
200
250
10m A
100m A
XC6401(2.85V)
VIN=4.0V, tr=tf=5use
CIN=CL=1uF (ceramics)
Output Voltage
Output Current
2.60
2.70
2.80
2.90
3.00
3.10
Time (40usec/div)
0
50
100
150
200
250
10m A
50m A
XC6401(3.0V)
VIN=4.0V, tr=tf=5use
CIN=CL=1uF (ceramics)
Output Current
Output Voltage
2.60
2.70
2.80
2.90
3.00
3.10
Time (40usec/div)
0
50
100
150
200
250
10m A
100m A
XC6401(3.0V)
VIN=4.0V, tr=tf=5use
CIN=CL=1uF (ceramics)
Output Current
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com