Electronic Components Datasheet Search
  English  ▼

X  

XC6401EH01ML Datasheet(PDF) 23 Page - Torex Semiconductor

Part # XC6401EH01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EH01ML Datasheet(HTML) 23 Page - Torex Semiconductor

Back Button XC6401EH01ML Datasheet HTML 16Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 17Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 18Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 19Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 20Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 21Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 22Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 23Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 24Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23/24
XC6401
Series
MARK
PRODUCT SERIES
1
XC6401xxxxMx
MARK
PRODUCT SERIES
1
XC6401xxxxxx
MARK
OPTIONAL FUNCTIONS
PRODUCT SERIES
B
EN1: High Active with no pull-down resistor
XC6401Bxxxxx
E
EN1: High Active with pull-down resistor, High speed
XC6401Exxxxx
F
EN1: High Active with no pull-down resistor, High speed
XC6401Fxxxxx
Z
EN1: Low Active with pull-up resistor, High speed
XC6401Gxxxxx
H
EN1: Low Active with no pull-up resistor, High speed
XC6401Hxxxxx
K
EN1: High Active with pull-down resistor, Low power consumption
XC6401Kxxxxx
L
EN1: High Active with no pull-down resistor, Low power consumption
XC6401Lxxxxx
M
EN1: Low Active with pull-up resistor, Low power consumption
XC6401Mxxxxx
N
EN1: Low Active with no pull-up resistor, Low power consumption
XC6401Nxxxxx
MARK
OPTIONAL FUNCTIONS
PRODUCT SERIES
B
EN1: High Active with no pull-down resistor
XC6401xBxxxx
E
EN1: High Active with pull-down resistor, High speed
XC6401xExxxx
F
EN1: High Active with no pull-down resistor, High speed
XC6401xFxxxx
Z
EN1: Low Active with pull-up resistor, High speed
XC6401xGxxxx
H
EN1: Low Active with no pull-up resistor, High speed
XC6401xHxxxx
K
EN1: High Active with pull-down resistor, Low power consumption
XC6401xKxxxx
L
EN1: High Active with no pull-down resistor, Low power consumption
XC6401xLxxxx
M
EN1: Low Active with pull-up resistor, Low power consumption
XC6401xMxxxx
N
EN1: Low Active with no pull-up resistor, Low power consumption
XC6401xNxxxx
MARK
OUTPUT VOLTAGE
④
⑤
VR1 (V)
VR2 (V)
PRODUCT SERIES
0
1
2.85
2.10
XC6401xx01xx
0
2
2.85
2.85
XC6401xx02xx
MARK
②
③
INTERNALLY SET SEQUENTIAL
NUMBER
PRODUCT SERIES
C
2
C2
XC6401EED5
C
0
C0
XC6401EED6
0
1
01
XC6401FF36
1
8
18
XC6401FF37
■
MARKING RULE
①
Represents product series
②③
Represents internally set sequential number
ex.)
⑥
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used
①
Represents product series
②
Represents type of VR1 regulator
④⑤
Represents VR output voltage (serial number ex.)
③
Represents type of VR2 regulator
SOT-26W
(TOP VIEW)
①
②
③ ④
12
3
65
4
USP-6C
(TOP VIEW)
USP-6B
(TOP VIEW)
1
2
3
6
5
4
●
SOT-26W
●
USP-6B,
USP-6C
④
Represents production lot number
0 to 9, A to Z reverse character 0 to 9, A to A repeated (G, I, J, O, Q, W excepted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com