Electronic Components Datasheet Search
  English  ▼

X  

XC6401EH01ML Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6401EH01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EH01ML Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6401EH01ML Datasheet HTML 11Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 12Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 13Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 14Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 15Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 16Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 17Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 18Page - Torex Semiconductor XC6401EH01ML Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
XC6401
Series
(7) Input Transient Response
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Time (200usec/div)
-2
-1
0
1
2
3
4
XC6401(0.8V)
tr=tf=5use
CL=1uF (ceramics), IOUT=100uA
Input Voltage
Output Voltage
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Time (40usec/div)
-2
-1
0
1
2
3
4
XC6401(0.8V)
tr=tf=5use
CL=1uF (ceramics), IOUT=30mA
Output Voltage
Input Voltage
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Time (40usec/div)
-2
-1
0
1
2
3
4
XC6401(0.8V)
tr=tf=5use
CL=1uF (ceramics), IOUT=100mA
Input Voltage
Output Voltage
2.75
2.80
2.85
2.90
2.95
3.00
3.05
Time (200usec/div)
0
1
2
3
4
5
6
XC6401(2.85V)
tr=tf=5use
CL=1uF (ceramics), IOUT=100uA
Input Voltage
Output Voltage
2.75
2.80
2.85
2.90
2.95
3.00
3.05
Time (40usec/div)
0
1
2
3
4
5
6
XC6401(2.85V)
tr=tf=5use
CL=1uF (ceramics), IOUT=30mA
Output Voltage
Input Voltage
2.75
2.80
2.85
2.90
2.95
3.00
3.05
Time (40usec/div)
0
1
2
3
4
5
6
XC6401(2.85V)
tr=tf=5use
CL=1uF (ceramics), IOUT=100mA
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com