Electronic Components Datasheet Search
  English  ▼

X  

PPC405EP Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
12
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Figure 2. 31mm, 385-Ball E-PBGA Package
A
s
1.27 TYP
0.65
± 0.05 SOLDERBALL x 385
31.0
± 0.2
27.98
31.0
B
A
C
0.20
∅ 0.30
∅ 0.15 s
C A
B
s
s
15.5 TYP
Gold Gate Release
Corresponds to
0.20
C
C
2.36 REF
0.6
±0.1
PCB
Substrate
Mold
Compound
B
C
D
E
F
G
H
J
K
L
M
AA
N
P
R
T
U
V
W
Y
AB
AC
Thermal Balls
A01 Ball Location
01 03 05 07 09 11 13 15 17 19
02 04 06 08 10 12 14 16 18
21 23
20 22
Top View
Bottom View
0.25
0.35 C
C
Notes: 1. All dimensions are in mm.
2.65 max
2. Package available in leaded and lead-free configurations.
2.07 min
Logo View
®
PPC405EP
1YWWBZZZZZ
Lot Number
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com