Electronic Components Datasheet Search
  English  ▼

X  

405GP Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 13Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 14Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 15Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 16Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 17Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 18Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 19Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 20Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
17
Revision 2.03 – September 7, 2007
Data Sheet
Pin Lists
The PPC405GP embedded controller is available as a 456-ball or a 413-ball E-PBGA. The 456-ball package is
available in two sizes—35 millimeters and 27 millimeters. The 413-ball package size is 25 millimeters. In this
section there are three tables that correlate the external signals to the physical package pin (ball) on which they
appear.
The following table lists all the external signals in alphabetical order and shows the ball number on which the signal
appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the alternate
signal in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each signal name
on the ball. The page number listed gives the page in “Signal Functional Description” on page 35 where the signals
in the indicated interface group begin.
Signals Listed Alphabetically (Part 1 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page
AVDD
L21
D25
System
40
BA0
BA1
N16
N17
AB24
AC24
SDRAM
37
BankSel0
BankSel1
BankSel2
BankSel3
AC19
AB17
AC17
AB14
AD17
AF17
AE15
AC14
SDRAM
37
[BE0]PCIC0
[BE1]PCIC1
[BE2]PCIC2
[BE3]PCIC3
D16
C22
E23
P23
D19
F24
K24
R26
PCI
35
BusReq
T1
R3
External Master Peripheral
39
CAS
R15
AB23
SDRAM
37
ClkEn0
ClkEn1
AB22
Y20
AB25
AC25
SDRAM
37
DMAAck0
DMAAck1
DMAAck2
DMAAck3
A17
B14
A15
A8
D16
B15
B14
C12
External Slave Peripheral
37
DMAReq0
DMAReq1
DMAReq2
DMAReq3
C13
A16
B9
C6
C16
D14
C11
A7
External Slave Peripheral
37
DQM0
DQM1
DQM2
DQM3
U12
AC5
AC2
AA2
AC12
AC10
AC6
AA3
SDRAM
37
DQMCB
AB13
AC15
SDRAM
37
DrvrInh1
DrvrInh2
H17
G17
E24
E23
System
40
ECC0
ECC1
ECC2
ECC3
ECC4
ECC5
ECC6
ECC7
AA12
AC15
AB12
AC14
AC12
AC10
AC9
AB11
AE14
AF15
AF14
AD13
AF13
AF12
AE13
AD12
SDRAM
37
EMCMDClk
J20
H24
Ethernet
36
EMCMDIO[PHYMDIO]
T17
AD26
Ethernet
36
EMCTxD0
EMCTxD1
EMCTxD2
EMCTxD3
F22
K21
J22
R23
J26
L25
L24
P25
Ethernet
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com