Electronic Components Datasheet Search
  English  ▼

X  

405GP Datasheet(PDF) 42 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 42 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 38Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 39Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 40Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 41Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 42Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 43Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 44Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 45Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 46Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
42
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
[TS3:6]GPIO5:8
Trace status. To access this function, software must toggle a DCR bit
or
General Purpose I/O.
O[I/O]
5V tolerant
3.3V LVTTL
1
[TrcClk]GPIO9
Trace interface clock. A toggling signal that is always half of the CPU
core frequency. To access this function, software must toggle a DCR
bit
or
General Purpose I/O.
O[I/O]
5V tolerant
3.3V LVTTL
1
Ground pins
GND
Ground
Note: On the 456-ball packages, L11-L16, M11-M16, N11-N16, P11-
P16, R11-R16, and T11-T16 are also thermal balls.
On the 413-ball package, J11, J13, K11-K13, L11-L13, M11-
N13, N11-N13, P11-P13, R11, and R13 are also thermal balls.
OVDD pins
OVDD
Output driver voltage—3.3V.
VDD pins
VDD
Logic voltage—2.5V.
Other pins
Reserved
Reserved—Except for Y5 (on the 413-ball package) or AF4, do not
connect signals, voltage, or ground to these pins. Y5 (on the 413-ball
package) and AF4 must be tied to OVDD or GND.
Signal Functional Description (Part 8 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 34.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com