Electronic Components Datasheet Search
  English  ▼

X  

405GP Datasheet(PDF) 31 Page - Applied Micro Circuits Corporation

Part # 405GP
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GP Datasheet(HTML) 31 Page - Applied Micro Circuits Corporation

Back Button 405GP Datasheet HTML 27Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 28Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 29Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 30Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 31Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 32Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 33Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 34Page - Applied Micro Circuits Corporation 405GP Datasheet HTML 35Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
31
Revision 2.03 – September 7, 2007
Data Sheet
J1
PerData23
M5
VDD
P23
PCIAD26
U5
VDD
J2
PerData26
M11
GND
P24
PCIAD23
U22
VDD
J3
PerData25
M12
GND
P25
EMCTxD3
U23
PCIGnt0[Req]
J4
PerData27
M13
GND
P26
PCIIDSel
U24
PHYRxErr
J5
GND
M14
GND
R1
PerData8
U25
Res – 27/OVDD – 35
J22
GND
M15
GND
R2
PerData4
U26
PCIAD29
J23
PCIIRDY
M16
GND
R3
BusReq
V1
HoldReq
J24
PCIFrame
M22
VDD
R4
PerData6
V2
EOT2/TC2
J25
PCIReq5
M23
PCIAD19
R5
VDD
V3
MemData31
J26
EMCTxD0
M24
PCIGnt5
R11
GND
V4
MemData29
K1
PerData20
M25
PCIAD18
R12
GND
V5
GND
K2
Res – 27/OVDD – 35
M26
PCIAD21
R13
GND
V22
GND
K3
PerData22
N1
PerData11
R14
GND
V23
IRQ1[GPIO18]
K4
PerData24
N2
PerData13
R15
GND
V24
PHYRxDV
K5
VDD
N3
PerData10
R16
GND
V25
IRQ0[GPIO17]
K22
VDD
N4
PerData16
R22
VDD
V26
PCIAD31
K23
EMCTxEn
N5
GND
R23
PCIAD25
W1
MemData30
K24
PCIC2[BE2]
N11
GND
R24
PCIAD24
W2
MemData27
K25
EMCTxErr
N12
GND
R25
PCIAD27
W3
MemData28
K26
PCIAD16
N13
GND
R26
PCIC3[BE3]
W4
MemData26
L1
GND
N14
GND
T1
GND
W5
OVDD
L2
PerData21
N15
GND
T2
HoldPri
W22
OVDD
L3
PerData18
N16
GND
T3
ExtReset
W23
PHYCrS
L4
PerData19
N22
GND
T4
PerData3
W24
IRQ2[GPIO19]
L5
VDD
N23
PCIGnt4
T5
VDD
W25
IRQ3[GPIO20]
L11
GND
N24
Res – 27/OVDD – 35
T11
GND
W26
Res – 27/GND – 35
L12
GND
N25
PCIAD20
T12
GND
Y1
EOT3/TC3
L13
GND
N26
PCIAD22
T13
GND
Y2
MemData25
L14
GND
P1
PerData9
T14
GND
Y3
ExtAck
L15
GND
P2
PerData7
T15
GND
Y4
ExtReq
L16
GND
P3
Res – 27/OVDD – 35
T16
GND
Y5
OVDD
L22
VDD
P4
PerData5
T22
VDD
Y22
OVDD
L23
PCIAD17
P5
GND
T23
PCIGnt1
Y23
Reserved
L24
EMCTxD2
P11
GND
T24
PCIAD28
Y24
IRQ4[GPIO21]
L25
EMCTxD1
P12
GND
T25
PCIAD30
Y25
IRQ5[GPIO22]
L26
GND
P13
GND
T26
GND
Y26
Reserved
AA1
GND
AB26
Halt
AD9
MemData8
AE18
UART0_DCD
AA2
MemData23
AC1
UART1_Rx
AD10
MemData6
AE19
MemAddr7
AA3
DQM3
AC2
UART1_Tx
AD11
MemData2
AE20
MemAddr5
AA4
MemData22
AC3
UART1_DSR/
UART1_CTS
AD12
ECC7
AE21
MemAddr2
AA5
OVDD
AC4
GND
AD13
ECC3
AE22
MemAddr0
AA22
OVDD
AC5
MemData19
AD14
Res – 27/OVDD – 35
AE23
PHYRxD0
AA23
MemClkOut1
AC6
DQM2
AD15
UART0_RI
AE24
TDI
AA24
IRQ6[GPIO23]
AC7
GPIO8[TS6]
AD16
UART0_RTS
AE25
GND
Signals Listed by Ball Assignment—456-Ball Package (Part 2 of 3)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com